Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256K-SP35XC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B256K-SP35XC
Description  256 Kbit (32K x 8) nvSRAM with Real Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256K-SP35XC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B256K-SP35XC Datasheet HTML 1Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 2Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 3Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 4Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 5Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 6Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 7Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 8Page - Cypress Semiconductor CY14B256K-SP35XC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CY14B256K
Document Number: 001-06431 Rev. *H
Page 4 of 28
tDELAY, multiple SRAM READ operations take place. If a WRITE
is in progress when HSB is pulled LOW, it allows a time, tDELAY,
to complete. However, any SRAM WRITE cycles requested after
HSB goes LOW are inhibited until HSB returns HIGH.
During any STORE operation, regardless of how it is initiated,
the CY14B256K continues to drive the HSB pin LOW, releasing
it only when the STORE is complete. After completing the
STORE operation, the CY14B256K remains disabled until the
HSB pin returns HIGH.
If HSB is not used, it is left unconnected.
Hardware RECALL (Power Up)
During
power
up
or
after
any
low
power
condition
(VCC<VSWITCH), an internal RECALL request is latched. When
VCC again exceeds the sense voltage of VSWITCH, a RECALL
cycle is automatically initiated and takes tHRECALL to complete.
Software STORE
Data is transferred from the SRAM to the nonvolatile memory by
a software address sequence. The CY14B256K software
STORE cycle is initiated by executing sequential CE controlled
READ cycles from six specific address locations in exact order.
During the STORE cycle, an erase of the previous nonvolatile
data is first performed, followed by a program of the nonvolatile
elements. After a STORE cycle is initiated, further READs and
WRITEs are inhibited untill the cycle is completed.
Because a sequence of READs from specific addresses is used
for STORE initiation, it is important that no other READ or WRITE
accesses intervene in the sequence. If it intervenes, the
sequence is aborted and no STORE or RECALL takes place.
To initiate the software STORE cycle, the following READ
sequence is performed:
1. Read address 0x0E38, Valid READ
2. Read address 0x31C7, Valid READ
3. Read address 0x03E0, Valid READ
4. Read address 0x3C1F, Valid READ
5. Read address 0x303F, Valid READ
6. Read address 0x0FC0, Initiate STORE cycle
The software sequence is clocked with CE controlled READs or
OE controlled READs. After the sixth address in the sequence is
entered, the STORE cycle commences and the chip is disabled.
It is important to use READ cycles and not WRITE cycles in the
sequence, although it is not necessary that OE be LOW for a
valid sequence. After the tSTORE cycle time is fulfilled, the SRAM
is activated again for READ and WRITE operations.
Software RECALL
Data is transferred from the nonvolatile memory to the SRAM by
a software address sequence. A software RECALL cycle is
initiated with a sequence of READ operations in a manner similar
to the software STORE initiation. To initiate the RECALL cycle,
the following sequence of CE controlled READ operations is
performed:
1. Read address 0x0E38, Valid READ
2. Read address 0x31C7, Valid READ
3. Read address 0x03E0, Valid READ
4. Read address 0x3C1F, Valid READ
5. Read address 0x303F, Valid READ
6. Read address 0x0C63, Initiate RECALL cycle
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared and then the nonvolatile information is transferred into
the SRAM cells. After the tRECALL cycle time, the SRAM is again
ready for READ and WRITE operations. The RECALL operation
in no way alters the data in the nonvolatile elements.
Data Protection
The CY14B256K protects data from corruption during low
voltage conditions by inhibiting all externally initiated STORE
and WRITE operations. The low voltage condition is detected
when VCC is less than VSWITCH.
If the CY14B256K is in a WRITE mode (both CE and WE are low)
at power up after a RECALL, or after a STORE, the WRITE is
inhibited until a negative transition on CE or WE is detected. This
protects against inadvertent writes during power up or brown out
conditions.
Noise Considerations
The CY14B256K is a high speed memory and must have a high
frequency bypass capacitor of approximately 0.1 µF connected
between VCC and VSS using leads and traces that are as short
as possible. As with all high speed CMOS ICs, careful routing of
power, ground, and signals reduce circuit noise.
[+] Feedback


Similar Part No. - CY14B256K-SP35XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K-SP35XCT CYPRESS-CY14B256K-SP35XCT Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14B256K-SP35XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com