Electronic Components Datasheet Search |
|
LT3008ETS8-5PBF Datasheet(PDF) 6 Page - Linear Technology |
|
LT3008ETS8-5PBF Datasheet(HTML) 6 Page - Linear Technology |
6 / 20 page LT3008 Series 6 3008fa Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT3008 regulators are tested and specified under pulse load conditions such that TJ ≅ TA. The LT3008E is 100% tested at TA=25°C. Performance at – 40°C and 125°C is assured by design, characterization and correlation with statistical process controls. The LT3008I is guaran- teed over the full – 40°C to 125°C operating junction temperature range. Note 3: The LT3008 adjustable version is tested and specified for these conditions with the ADJ pin connected to the OUT pin. Note 4: Operating conditions are limited by maximum junction temperature. The regulated output voltage specification will not apply for all possible combinations of input voltage and output current. When operating at the maximum input voltage, the output current range must be limited. When operating at the maximum output current, the input voltage must be limited. Note 5: Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In dropout, the output voltage equals (VIN – VDROPOUT). For the LT3008-1.2 and LT3008-1.5, dropout voltage will be limited by the minimum input voltage. Note 6: To satisfy minimum input voltage requirements, the LT3008 adjustable version is tested and specified for these conditions with an external resistor divider (61.9k bottom, 280k top) which sets VOUT to 3.3V. The external resistor divider adds 9.69μA of DC load on the output. This external current is not factored into GND pin current. Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.55V and a current source load. GND pin current will increase in dropout. For the fixed output voltage versions, an internal resistor divider will add about 1μA to the GND pin current. See the GND Pin Current curves in the Typical Performance Characteristics section. Note 8: The SHDN pin can be driven below GND only when tied to the IN pin directly or through a pull-up resistor. If the SHDN pin is driven below GND by more than –0.3V while IN is powered, the output will turn on. Note 9: Output noise is listed for the adjustable version with the ADJ pin connected to the OUT pin. See the RMS Output Noise vs Load Current curve in the Typical Performance Characteristics Section. ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C. (Note 2) PARAMETER CONDITIONS MIN TYP MAX UNITS Current Limit VIN = 45V, VOUT = 0 VIN = VOUT(NOMINAL) + 1V, ΔVOUT = –5% l 22 75 mA mA Input Reverse-Leakage Current VIN = –45V, VOUT = 0 l 130 μA Reverse-Output Current VOUT = 1.2V, VIN = 0 0.6 10 μA |
Similar Part No. - LT3008ETS8-5PBF |
|
Similar Description - LT3008ETS8-5PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |