Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256K-SP35XI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B256K-SP35XI
Description  256 Kbit (32K x 8) nvSRAM with Real Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256K-SP35XI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B256K-SP35XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256K-SP35XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY14B256K
Document Number: 001-06431 Rev. *H
Page 5 of 28
Low Average Active Power
CMOS technology provides the CY14B256K the benefit of
drawing significantly less current when it is cycled at times longer
than 50 ns. Figure 3 shows the relationship between ICC and
READ
and/or
WRITE
cycle
time.
Worst
case
current
consumption is shown for commercial temperature range, VCC =
3.6V, and chip enable at maximum frequency. Only standby
current is drawn when the chip is disabled. The overall average
current drawn by the CY14B256K depends on the following
items:
1. 1The duty cycle of chip enable
2. The overall cycle rate for accesses
3. The ratio of READs to WRITEs
4. The operating temperature
5. The VCC level
6. IO loading
Best Practices
nvSRAM products have been used effectively for over 15 years.
While ease-of-use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites sometimes reprograms these values. Final NV patterns
are typically repeating patterns of AA, 55, 00, FF, A5, or 5A.
The end product’s firmware should not assume that an NV array
is in a set programmed state. Routines that check memory
content values to determine first time system configuration and
cold or warm boot status must always program a unique NV
pattern (for example, complex 4-byte pattern of 46 E6 49 53
hex or more random bytes) as part of the final system manufac-
turing test to ensure these system routines work consistently.
The OSCEN bit in the Calibration register at 0x7FF8 should be
set to 1 to preserve battery life when the system is in storage
(see Stopping and Starting the Oscillator on page 7).
The Vcap value specified in this data sheet includes a minimum
and a maximum value size. The best practice is to meet this
requirement and not exceed the maximum Vcap value because
the higher inrush currents may reduce the reliability of the
internal pass transistor. Customers who want to use a larger
Vcap value to make sure there is extra store charge should
discuss their Vcap size selection with Cypress.
Figure 3. Current versus Cycle Time
[+] Feedback


Similar Part No. - CY14B256K-SP35XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K-SP35XCT CYPRESS-CY14B256K-SP35XCT Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14B256K-SP35XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com