Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22394 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22394
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22394 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY22394 Datasheet HTML 5Page - Cypress Semiconductor CY22394 Datasheet HTML 6Page - Cypress Semiconductor CY22394 Datasheet HTML 7Page - Cypress Semiconductor CY22394 Datasheet HTML 8Page - Cypress Semiconductor CY22394 Datasheet HTML 9Page - Cypress Semiconductor CY22394 Datasheet HTML 10Page - Cypress Semiconductor CY22394 Datasheet HTML 11Page - Cypress Semiconductor CY22394 Datasheet HTML 12Page - Cypress Semiconductor CY22394 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY22393, CY223931, CY22394, CY22395
Document #: 38-07186 Rev. *E
Page 9 of 19
Serial Bus Programming Protocol and Timing
The CY22393, CY22394 and CY22395 have a 2-wire serial
interface for in-system programming. They use the SDAT and
SCLK pins, and operate up to 400 kbit/s in Read or Write mode.
Except for the data hold time, it is compliant with the I2C bus
standard. The basic Write serial format is as follows:
Start Bit; 7-bit Device Address (DA); R/W Bit; Slave Clock
Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit
Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in
MA+2; ACK; etc. until STOP Bit. The basic serial format is illus-
trated in Figure 3 on page 11.
Default Startup Condition for the CY22393/931/94/95
The default (programmed) condition of each device is generally
set by the distributor, who programs the device using a customer
specified JEDEC file produced by CyClocksRT, Cypress’s propri-
etary development software. Parts shipped by the factory are
blank and unprogrammed. In this condition, all bits are set to 0,
all outputs are tri-stated, and the crystal oscillator circuit is active.
While users can develop their own subroutine to program any or
all of the individual registers as described in the following pages,
it may be easier to simply use CyClocksRT to produce the
required register setting file.
Device Address
The device address is a 7-bit value that is configured during Field
Programming. By programming different device addresses, two
or more parts are connected to the serial interface and can be
independently controlled. The device address is combined with
a read/write bit as the LSB and is sent after each start bit.
The default serial interface address is 69H, but must there be a
conflict with any other devices in your system, this can also be
changed using CyClocksRT.
Data Valid
Data is valid when the clock is HIGH, and can only be transi-
tioned when the clock is LOW as illustrated in Figure 4 on page
11.
Data Frame
Every new data frame is indicated by a start and stop sequence,
as illustrated in Figure 5 on page 11.
Start Sequence - Start Frame is indicated by SDAT going LOW
when SCLK is HIGH. Every time a start signal is given, the next
8-bit data must be the device address (seven bits) and a R/W bit,
followed by register address (eight bits) and register data (eight
bits).
Stop Sequence - Stop Frame is indicated by SDAT going HIGH
when SCLK is HIGH. A Stop Frame frees the bus for writing to
another part on the same bus or writing to another random
register address.
Acknowledge Pulse
During Write Mode the CY22393, CY22394, and CY22395
respond with an Acknowledge pulse after every eight bits. To do
this, they pull the SDAT line LOW during the N*9th clock cycle,
as illustrated in Figure 6 on page 12. (N = the number of bytes
transmitted). During Read Mode, the master generates the
acknowledge pulse after the data packet is read.
49H
011
PLL1_Q[7:0]
4AH
PLL1_P[7:0]
4BH
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
4CH
100
PLL1_Q[7:0]
4DH
PLL1_P[7:0]
4EH
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
4FH
101
PLL1_Q[7:0]
50H
PLL1_P[7:0]
51H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
52H
110
PLL1_Q[7:0]
53H
PLL1_P[7:0]
54H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
55H
111
PLL1_Q[7:0]
56H
PLL1_P[7:0]
57H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
Addr S2 (1,0)
b7
b6
b5
b4
b3
b2
b1
b0
[+] Feedback


Similar Part No. - CY22394

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22394 CYPRESS-CY22394 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22394 CYPRESS-CY22394 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394 CYPRESS-CY22394 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FC CYPRESS-CY22394FC Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22394FC CYPRESS-CY22394FC Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22394

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com