Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101KA-ZS45XC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101KA-ZS45XC
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA-ZS45XC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101KA-ZS45XC Datasheet HTML 1Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 2Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 3Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 4Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 5Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 6Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 7Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 8Page - Cypress Semiconductor CY14B101KA-ZS45XC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PRELIMINARY
CY14B101KA/CY14B101MA
1 Mbit (128K x 8/64K x 16) nvSRAM with
Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-42880 Rev. *C
Revised July 09, 2009
Features
1 Mbit nvSRAM
20 ns, 25 ns, and 45 ns access times
Internally organized as 128K x 8 (CY14B101KA) or 64K x 16
(CY14B101MA)
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, hardware, or AutoStore on power down
RECALL to SRAM initiated on power up or by software
High Reliability
Infinite Read, Write, and RECALL cycles
200,000 STORE cycles to QuantumTrap
20 year data retention
Real Time Clock
Full featured Real Time Clock
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Backup current of 300 nA
Industry Standard Configurations
Single 3V +20%, –10% operation
Commercial and Industrial temperatures
44-pin and 54-pin TSOP II and 48-pin SSOP packages
Pb-free and RoHS compliance
Functional Description
The Cypress CY14B101KA/CY14B101MA combines a 1 Mbit
nonvolatile static RAM with a full featured real time clock in a
monolithic
integrated
circuit.
The
embedded
nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM is read and
written an infinite number of times, while independent nonvolatile
data resides in the nonvolatile elements.
The Real Time Clock function provides an accurate clock with
leap year tracking and a programmable, high accuracy oscillator.
The alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
1024 X 1024
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
1024 X 1024
STORE
RECALL
V
CC
VCA
P
HSB
A
0 A1
A
2 A3 A4 A10 A11
SOFTWARE
DETECT
A14 -A2
OE
CE
WE
BHE
BLE
A
5
A
6
A7
A8
A9
A
12
A13
A14
A15
A16
DQ0
DQ
1
DQ2
DQ3
DQ4
DQ
5
DQ6
DQ
7
DQ8
DQ
9
DQ10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
RTC
MUX
A16-A0
Xout
Xin
INT
V
RTCbat
VRTCcap
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A16 for x8 configuration and Address A0 - A15 for x16 configuration.
2. Data DQ0 - DQ7 for x8 configuration and Data DQ0 - DQ15 for x16 configuration.
3. BHE and BLE are applicable for x16 configuration only.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101KA-ZS45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA-ZS45XI CYPRESS-CY14B101KA-ZS45XI Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-ZS45XI CYPRESS-CY14B101KA-ZS45XI Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA-ZS45XIT CYPRESS-CY14B101KA-ZS45XIT Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-ZS45XIT CYPRESS-CY14B101KA-ZS45XIT Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101KA-ZS45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com