Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2305CSXC-1 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2305CSXC-1
Description  3.3V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXC-1 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2305CSXC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2305CSXC-1 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 11 of 12
Figure 10. 16-Pin TSSOP 4.40 MM Body Z16.173
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05gms
51-85091-*A
[+] Feedback
[+] Feedback


Similar Part No. - CY2305CSXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXC-1 CYPRESS-CY2305CSXC-1 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXC-1H CYPRESS-CY2305CSXC-1H Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXC-1HT CYPRESS-CY2305CSXC-1HT Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXC-1T CYPRESS-CY2305CSXC-1T Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXC-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com