Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22801 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22801
Description  Universal Programmable Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22801_09 Datasheet HTML 1Page - Cypress Semiconductor CY22801_09 Datasheet HTML 2Page - Cypress Semiconductor CY22801_09 Datasheet HTML 3Page - Cypress Semiconductor CY22801_09 Datasheet HTML 4Page - Cypress Semiconductor CY22801_09 Datasheet HTML 5Page - Cypress Semiconductor CY22801_09 Datasheet HTML 6Page - Cypress Semiconductor CY22801_09 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY22801
Document #: 001-15571 Rev. *B
Page 4 of 7
Absolute Maximum Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
TS
Storage Temperature
–65
150
°C
TJ
Junction Temperature
125
°C
VIO
Input and Output Voltage
VSS – 0.5
VDD + 0.5
V
ESD
Electro-Static Discharge Voltage per MIL-STD-833, Method 3015
2000
V
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.14
3.3
3.47
V
TA
Ambient Temperature, Commercial Grade
0
70
°C
Ambient Temperature, Industrial Grade
–40
--
85
°C
CLOAD
Max. Load Capacitance on the CLK output
15
pF
tPU
Power up time for VDD to reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms
Recommended Crystal Specifications
Parameter
Name
Description
Min
Typ
Max
Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental mode,
and AT cut
8–
30
MHz
CLNOM
Nominal Load Capacitance
6
30
pF
R1
Equivalent Series Resistance
(ESR)
Fundamental mode
35
50
Ω
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Notes
2. Not 100% tested, guaranteed by design.
3. IDD current specified for three CLK outputs running at 100 MHz.
4. Use CyClocksRT to calculate actual IDD for specific output frequency configurations.
DC Electrical Specifications[2]
Parameter
Name
Description
Min
Typ
Max
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V (source)
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V (sink)
12
24
mA
VIH
Input High Voltage
0.7*VDD
–VDD + 0.3
V
VIL
Input Low Voltage
VSS – 0.3
0.3*VDD
V
CIN1
Input Capacitance
All input pins except XIN and XOUT
7
pF
CIN2
Input Capacitance
XIN and XOUT pins
24
pF
IDD
[3, 4]
VDD Supply Current
70
mA
[+] Feedback


Similar Part No. - CY22801_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801FXC CYPRESS-CY22801FXC Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com