Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22801SXC-xxxT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22801SXC-xxxT
Description  Universal Programmable Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801SXC-xxxT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22801SXC-xxxT Datasheet HTML 1Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 2Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 3Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 4Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 5Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 6Page - Cypress Semiconductor CY22801SXC-xxxT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CY22801
Universal Programmable Clock Generator
(UPCG)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-15571 Rev. *B
Revised June 26, 2009
Features
Integrated Phase-Locked Loop (PLL)
Field Programmable
Input Frequency Range:
Crystal: 8 to 30 MHz
CLKIN: 1 to 133 MHz
LVCMOS Output Frequency:
1 to 200 MHz (Commercial Grade)
1 to 166.6 MHz (Industrial Grade)
Low Jitter, High Accuracy Outputs
3.3V Operation
Commercial and Industrial Temperature Ranges
8-Pin SOIC Package
Benefits
Inventory of only one device, CY22801, used in various
applications
In-house programming of sample and prototype quantities is
made available using the CY36800 InstaClock kit
Input and output frequencies are customized to suit your needs
High-performance PLL is tailored for multiple applications
Critical timing requirements met in complex system designs
Application compatibility enabled
Pin Configuration
Figure 1. CY22801 8-Pin SOIC
OUTPUT
DIVIDERS
XTAL
OSC
XOUT
PLL
XIN/CLKIN
CLKA
CLKB
CLKC
Logic Block Diagram
1
2
3
4
XOUT
CLKB
VSS
CLKC
CLKA
5
6
7
8
VDD
XIN/CLKIN
NC
Table 1. Pin Definition
Name
Pin Number
Description
XIN
1
Reference Input: Crystal or External Clock
VDD
2
3.3V Voltage Supply
NC
3
No Connect; leave this pin floating
VSS
4
Ground
CLKB
5
Clock Output B
CLKA
6
Clock Output A
CLKC
7
Clock Output C
XOUT
8
Reference Output: Connect to external crystal. When the reference is an external clock signal
(applied to pin 1), this pin is not used and must be left floating.
[+] Feedback


Similar Part No. - CY22801SXC-xxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801FXC CYPRESS-CY22801FXC Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801SXC-xxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com