Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW46 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BDW46
Description  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDW46 Datasheet(HTML) 2 Page - Motorola, Inc

  BDW46 Datasheet HTML 1Page - Motorola, Inc BDW46 Datasheet HTML 2Page - Motorola, Inc BDW46 Datasheet HTML 3Page - Motorola, Inc BDW46 Datasheet HTML 4Page - Motorola, Inc BDW46 Datasheet HTML 5Page - Motorola, Inc BDW46 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDW42 BDW46 BDW47
3–213
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
BDW46
BDW42/BDW47
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
BDW46
(VCE = 50 Vdc, IB = 0)
BDW42/BDW47
ICEO
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BDW41/BDW46
(VCB = 100 Vdc, IE = 0)
BDW42/BDW47
ICBO
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
1000
250
Collector–Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 10 mAdc)
(IC = 10 Adc, IB = 50 mAdc)
VCE(sat)
2.0
3.0
Vdc
Base–Emitter On Voltage
(IC = 10 Adc, VCE = 4.0 Vdc)
VBE(on)
3.0
Vdc
SECOND BREAKDOWN (2)
Second Breakdown Collector
Current with Base Forward Biased
BDW42
VCE = 28.4 Vdc
VCE = 40 Vdc
BDW46/BDW47
VCE = 22.5 Vdc
VCE = 36 Vdc
IS/b
3.0
1.2
3.8
1.2
Adc
DYNAMIC CHARACTERISTICS
Magnitude of common emitter small signal short circuit current transfer ratio
(IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
4.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
BDW42
BDW46/BDW47
Cob
200
300
pF
Small–Signal Current Gain
(IC = 3.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
300
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
(2) Pulse Test non repetitive: Pulse Width = 250 ms.
Figure 2. Switching Times Test Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
3.0
0.7
0.5
0.3
0.2
0.05
0.2
0.3
0.7
3.0
10
td @ VBE(off) = 0 V
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
tf
0.07
1.0
5.0
ts
tr
0.1
1.0
2.0
0.5
2.0
7.0
0
VCC
– 30 V
SCOPE
TUT
+ 4.0 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPES, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
µs
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
V2
APPROX
+ 8.0 V
V1
APPROX
– 12 V
[ 8.0 k
[ 150
for td and tr, D1 id disconnected
and V2 = 0
For NPN test circuit reverse all polarities
RB


Similar Part No. - BDW46

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
176Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
June, 2004 ??Rev. 11
BDW46 ONSEMI-BDW46 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW46 MOTOROLA-BDW46 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW46 ONSEMI-BDW46 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Inchange Semiconductor ...
BDW46 ISC-BDW46 Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - BDW46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com