|
| UCC1884 |
|
||
|
TI |
|
6 page
6 UCC1884 UCC2884 UCC3884 11 12 13 6 CLKSYNC ION IOFF VOUT 10 CT 3.5V 3V V REF 14 8.8X SYNCEN 3.5V 1.5V SQ Q R SYNCEN 3.0V CLK V REF 1.5V Figure 1. UCC3884 oscillator. APPLICATION INFORMATION (cont.) UDG-99088 Figure 2. Oscillator synchonization connection diagram. UDG-96027 Figure 3. Oscillator waveforms. UDG-96028-1 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IL3842 | Fixed Frequency Current Mode PWM Controller | 1 2 3 4 5 | Integral Corp. |
| HV9605C | High Voltage Current Mode PWM Controller | 1 2 3 4 5 | Supertex, Inc |
| UC1848 | Average Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| TC170 | CMOS Current Mode PWM Controller | 1 2 3 4 5 More | Microchip Technology |
| SG1846 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Microsemi Corporation |
| CM3842 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| UC2842A | Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| ISL8843 | Industry Standard Single-Ended Current Mode PWM Controller | 1 2 3 4 5 More | Intersil Corporation |
| LT1846 | Current Mode PWM Controller | 1 2 3 4 5 More | Linear Technology |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |