Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2858 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2858
Description  High Efficiency, High Power Factor Preregulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2858 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2858 Datasheet HTML 1Page - Texas Instruments UCC2858 Datasheet HTML 2Page - Texas Instruments UCC2858 Datasheet HTML 3Page - Texas Instruments UCC2858 Datasheet HTML 4Page - Texas Instruments UCC2858 Datasheet HTML 5Page - Texas Instruments UCC2858 Datasheet HTML 6Page - Texas Instruments UCC2858 Datasheet HTML 7Page - Texas Instruments UCC2858 Datasheet HTML 8Page - Texas Instruments UCC2858 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
UCC1858
UCC2858
UCC3858
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Gate Drive Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2A
Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
Input Current IAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.). . . . . . . . . . . . . +300°C
Analog Inputs
Maximum Forced Voltage . . . . . . . . . . . . . . . . –0.3V to 11V
Unless otherwise indicated, voltages are reference to ground and cur-
rents are positive into, negative out of the specified terminal. Pulsed is
defined as a less than 10% duty cycle with a maximum duration of
500ns. Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
Controller improvements include an onboard peak detec-
tor for the input line RMS voltage, an integrated
overcurrent shutdown, overvoltage shutdown and signifi-
cantly lower quiescent operating current. The peak de-
tector eliminates an external 2-pole low pass filter for
RMS detection. This simplifies the converter design as
well as providing an approximate 6X improvement in in-
put line transient response. The current signal is ex-
tracted from the current error amplifier input to provide a
cycle-by-cycle peak current limit. Low startup and oper-
ating currents which are achieved through the use of
Unitrode’s BCDMOS process simplify the bootstrap
supply design as well as minimize losses in the control
circuit. A transconductance voltage error amplifier allows
output voltage sensing for internal overvoltage protection.
Additional features include: undervoltage lockout for reli-
able off-line startup, a precision 7.5V reference, and a
precision RMS detection and signal conditioning circuit.
Chip shutdown can be attained by bringing the FBL pin
below 0.5V.
DESCRIPTION (cont.)
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = 0°C to 70°C for the
UCC3858, –40°C to +85°C for the UCC2858, and –55°C to +150°C for the UCC1858, VVDD = 12V, RT = 24k, CT = 330pF, RFBM =
96k, IIAC = 100µA, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current, Off
VCAO, VVAO = 0V, VDD = UVLO – 0.3V
100
250
µA
Supply Current, On
FBL = 0V
2
3.5
5
mA
VDD Turn-On Threshold
12
13.5
15.5
V
VDD Turn-Off Threshold
10
V
UVLO Hysteresis
3.2
3.5
3.8
V
Voltage Amplifier
Input Voltage
TA = 25°C
2.95
3
3.05
V
Over Voltage Protection
Volts Above VA– Input Voltage
0.12
0.14
0.16
V
VA– Bias Current
–0.5
–1
µA
Open Loop Gain
VOUT = 2V to 5V
45
50
dB
VAO High
Load = –25
µA
5.7
6
6.3
V
VAO Low
Load = 25
µA
0.3
0.5
V
Output Source Current
VVA– = 2.8V
–50
µA
Output Sink Current
VVA– = 3.2V
50
µA
Transconductance
IOUT = ± 50µA
400
600
1000
µS
VDD
OUT
GND
RT
CT
SYNC
FBM
FBL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CRMS
IAC
VAO
CAO
VA–
MOUT
VREF
CA–
CONNECTION DIAGRAM
DIP-16, SOIC-16 (TOP VIEW)
J, N, DW Packages


Similar Part No. - UCC2858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2858 TI1-UCC2858 Datasheet
369Kb / 13P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
More results

Similar Description - UCC2858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1858 TI1-UCC1858_08 Datasheet
369Kb / 13P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com