Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62127DV30LL-55BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62127DV30LL-55BVI
Description  1-Mb (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV30LL-55BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62127DV30LL-55BVI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV30LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62127DV30
Document #: 38-05229 Rev. *H
Page 5 of 11
Switching Characteristics (Over the Operating Range)[11]
Parameter
Description
CY62127DV30-45 [8]
CY62127DV30-55
CY62127DV30-70
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
55
70
ns
tAA
Address to Data Valid
45
55
70
ns
tOHA
Data Hold from Address Change
10
10
10
ns
tACE
CE LOW to Data Valid
45
55
70
ns
tDOE
OE LOW to Data Valid
25
25
35
ns
tLZOE
OE LOW to Low Z[12]
55
5
ns
tHZOE
OE HIGH to High Z[12,14]
15
20
25
ns
tLZCE
CE LOW to Low Z[12]
10
10
10
ns
tHZCE
CE HIGH to High Z[12,14]
20
20
25
ns
tPU
CE LOW to Power-up
0
0
0
ns
tPD
CE HIGH to Power-down
45
55
70
ns
tDBE
BLE/BHE LOW to Data Valid
45
55
70
ns
tLZBE
[13]
BLE/BHE LOW to Low Z[12]
55
5
ns
tHZBE
BLE/BHE HIGH to High-Z[12,14]
15
20
25
ns
Write Cycle[15]
tWC
Write Cycle Time
45
55
70
ns
tSCE
CE LOW to Write End
40
40
60
ns
tAW
Address Set-up to Write End
40
40
60
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
35
40
50
ns
tBW
BLE/BHE LOW to Write End
40
40
60
ns
tSD
Data Set-up to Write End
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High Z[12,14]
15
20
25
ns
tLZWE
WE HIGH to Low Z[12]
10
10
5
ns
Notes:
11. Test conditions assume signal transition time of 1V/ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of the
specified IOL.
12. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any
given device.
13. If both byte enables are toggled together, this value is 10 ns.
14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high-impedance state.
15. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any
of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the write.
[+] Feedback


Similar Part No. - CY62127DV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30LL-55BVI CYPRESS-CY62127DV30LL-55BVI Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30LL-55BVI CYPRESS-CY62127DV30LL-55BVI Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV30LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com