Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3695 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY3695
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3695 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY3695 Datasheet HTML 3Page - Cypress Semiconductor CY3695 Datasheet HTML 4Page - Cypress Semiconductor CY3695 Datasheet HTML 5Page - Cypress Semiconductor CY3695 Datasheet HTML 6Page - Cypress Semiconductor CY3695 Datasheet HTML 7Page - Cypress Semiconductor CY3695 Datasheet HTML 8Page - Cypress Semiconductor CY3695 Datasheet HTML 9Page - Cypress Semiconductor CY3695 Datasheet HTML 10Page - Cypress Semiconductor CY3695 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY25200
Document #: 38-07633 Rev. *E
Page 8 of 11
Absolute Maximum Rating
Supply Voltage (VDD)....................................... –0.5 to +7.0V
DC Input Voltage ......................................–0.5V to VDD + 0.5
Storage Temperature (non-condensing) ..... –55
°C to +125°C
Junction Temperature ................................ –40
°C to +125°C
Data Retention at Tj = 125
°C ................................> 10 years
Package Power Dissipation...................................... 350 mW
Static Discharge Voltage.......................................... > 2000V
(per MIL-STD-883, Method 3015)
Recommended Crystal Specifications
Parameter
Description
Comments
Min
Typ.
Max
Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental mode,
AT cut
830
MHz
CLNOM
Nominal Load Capacitance
Internal load caps
6
30
pF
R1
Equivalent Series Resistance (ESR) Fundamental mode
25
Ω
R3/R1
Ratio of Third Overtone Mode ESR
to Fundamental Mode ESR
Ratio used because typical R1 values are
much less than the maximum specification
3
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Recommended Operating Conditions
Parameter
Description
Min
Typ.
Max
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
VDDLHI
Operating Voltage
3.135
3.3
3.465
V
VDDLLO
Operating Voltage
2.375
2.5
2.625
V
TAC
Ambient Commercial Temp
0
70
°C
CLOAD
Maximum Load Capacitance VDD/VDDL = 3.3V
15
pF
CLOAD
Maximum Load Capacitance VDDL = 2.5V
15
pF
FSSCLK-HighVoltage SSCLK1/2/3/4/5/6 when VDD = AVDD = VDDL = 3.3 V
3
200
MHz
FSSCLK-LowVoltage SSCLK1/2/3/4 when VDD = AVDD = 3.3.V and VDDL = 2.5V
3
166
MHz
REFOUT
REFOUT when VDD = AVDD = 3.3.V and VDDL = 3.3V or 2.5V
8
166
MHz
fREF1
Clock Input
8
166
MHz
fREF2
Crystal Input
8
30
MHz
tPU
Power up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter[2]
Name
Description
Min
Typ.
Max
Unit
IOH3.3
Output High Current
VOH = VDD – 0.5V, VDD/VDDL = 3.3V
10
12
mA
IOL3.3
Output Low Current
VOL = 0.5V, VDD/VDDL = 3.3V
10
12
mA
IOH2.5
Output High Current
VOH = VDDL – 0.5V, VDDL = 2.5V
8
16
mA
IOL2.5
Output Low Current
VOL = 0.5V, VDDL = 2.5V
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
1.0
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0–
0.3
VDD
IVDD
[3]
Supply Current
AVDD/VDD Current
33
mA
IVDDL2.5
[3]
Supply Current
VDDL Current (VDDL = 2.625V)
20
mA
IVDDL3.3
[3]
Supply Current
VDDL Current (VDDL = 3.465V)
26
mA
IDDS
Power Down Current
VDD = VDDL = AVDD = 3.465V
50
uA
IOHZ
IOLZ
Output Leakage
VDD = VDDL = AVDD = 3.465V
10
uA
Notes
2. Not 100% tested, guaranteed by design.
3. IVDD currents specified for SSCLK1/2/3/4/5/6 = 33.33 MHz with CLKIN = 14.318 MHz and 15 pF on all the output clocks.
[+] Feedback


Similar Part No. - CY3695

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3695 CYPRESS-CY3695 Datasheet
234Kb / 6P
   PTG Programming Kit
CY3695 CYPRESS-CY3695 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY3695 CYPRESS-CY3695 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY3695 CYPRESS-CY3695 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY3695 CYPRESS-CY3695 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY3695

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com