Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101LA-SZ45XCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B101LA-SZ45XCT
Description  1 Mbit (128K x 8/64K x 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-SZ45XCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B101LA-SZ45XCT Datasheet HTML 1Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 2Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-SZ45XCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PRELIMINARY
CY14B101LA, CY14B101NA
Document #: 001-42879 Rev. *C
Page 5 of 24
During any STORE operation, regardless of how it is initiated,
the CY14B101LA/CY14B101NA continues to drive the HSB pin
LOW, releasing it only when the STORE is complete. Upon
completion
of
the
STORE
operation,
the
CY14B101LA/CY14B101NA remains disabled until the HSB pin
returns HIGH. Leave the HSB unconnected if it is not used.
Hardware RECALL (Power Up)
During
power
up
or
after
any
low
power
condition
(VCC<VSWITCH), an internal RECALL request is latched. When
VCC again exceeds the sense voltage of VSWITCH, a RECALL
cycle is automatically initiated and takes tHRECALL to complete.
During this time, HSB is driven low by the HSB driver.
Software STORE
Data is transferred from SRAM to the nonvolatile memory by a
software address sequence. The CY14B101LA/CY14B101NA
Software STORE cycle is initiated by executing sequential CE
controlled read cycles from six specific address locations in
exact order. During the STORE cycle an erase of the previous
nonvolatile data is first performed, followed by a program of the
nonvolatile elements. After a STORE cycle is initiated, further
input and output are disabled until the cycle is completed.
Because a sequence of READs from specific addresses is used
for STORE initiation, it is important that no other read or write
accesses intervene in the sequence, or the sequence is aborted
and no STORE or RECALL takes place.
To initiate the Software STORE cycle, the following read
sequence must be performed:
1. Read Address 0x4E38 Valid READ
2. Read Address 0xB1C7 Valid READ
3. Read Address 0x83E0 Valid READ
4. Read Address 0x7C1F Valid READ
5. Read Address 0x703F Valid READ
6. Read Address 0x8FC0 Initiate STORE Cycle
The software sequence may be clocked with CE controlled reads
or OE controlled reads, with WE kept HIGH for all the six READ
sequences. After the sixth address in the sequence is entered,
the STORE cycle commences and the chip is disabled. HSB is
driven LOW. After the tSTORE cycle time is fulfilled, the SRAM is
activated again for the read and write operation.
Software RECALL
Data is transferred from nonvolatile memory to the SRAM by a
software address sequence. A Software RECALL cycle is
initiated with a sequence of read operations in a manner similar
to the Software STORE initiation. To initiate the RECALL cycle,
the following sequence of CE controlled read operations must be
performed:
1. Read Address 0x4E38 Valid READ
2. Read Address 0xB1C7 Valid READ
3. Read Address 0x83E0 Valid READ
4. Read Address 0x7C1F Valid READ
5. Read Address 0x703F Valid READ
6. Read Address 0x4C63 Initiate RECALL Cycle
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared. Next, the nonvolatile information is transferred into the
SRAM cells. After the tRECALL cycle time, the SRAM is again
ready for read and write operations. The RECALL operation
does not alter the data in the nonvolatile elements.
Table 2. Mode Selection
CE
WE
OE, BHE, BLE[3]
A15 - A0
[9]
Mode
I/O
Power
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[10]
Notes
9. While there are 17 address lines on the CY14B101LA (16 address lines on the CY14B101NA), only the 13 address lines (A14 - A2) are used to control software modes.
Rest of the address lines are don’t care.
10. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.
[+] Feedback


Similar Part No. - CY14B101LA-SZ45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-SZ45XI CYPRESS-CY14B101LA-SZ45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SZ45XI CYPRESS-CY14B101LA-SZ45XI Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA-SZ45XIT CYPRESS-CY14B101LA-SZ45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SZ45XIT CYPRESS-CY14B101LA-SZ45XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results

Similar Description - CY14B101LA-SZ45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com