Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3650EDD-4.2PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3650EDD-4.2PBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650EDD-4.2PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3650EDD-4.2PBF Datasheet HTML 1Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 2Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 3Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 4Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 5Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 6Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 7Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 8Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3650-4.1/LT3650-4.2
5
36504142fb
VBAT (V)
0
–0.4
0.0
0.4
0.8
2.2
1.6
1
2
2.5
2.0
1.2
–0.2
0.2
0.6
1.0
1.8
1.4
0.5
1.5
3
3.5
4
4.5
365042 G11
LT3650-4.2
ISW (A)
0
18
24
30
36
1.6
12
6
0
21
27
33
15
9
3
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
365042 G04
TEMPERATURE (°C)
–50
320
340
360
380
480
420
0
50
75
365042 G05
440
460
400
–25
25
100
125
ISW = 2A
Switch Drive (ISW/IBOOST)
vs ISW
Switch Forward Drop (VIN – VSW)
vs Temperature
TEMPERATURE (°C)
–50
99.0
99.2
99.6
99.8
100.0
101.0
100.4
0
50
75
365042 G09
99.4
100.6
100.8
100.2
–25
25
100
125
VBAT = 3.5V
TEMPERATURE (°C)
–50
8
9
10
11
12
0
50
75
365042 G07
–25
25
100
125
TEMPERATURE (°C)
0
40
80
20
60
100
120
45
65
85
105
125
35
135
25
55
75
95
115
365042 G10
TYPICAL PERFORMANCE CHARACTERISTICS
IMAX Current Limit (VSENSE – VBAT)
vs Temperature
C/10 Threshold (VSENSE – VBAT)
vs Temperature
CC/CV Charging; SENSE Pin Bias
Current vs VSENSE
Thermal Foldback – IMAX
Current Limit (VSENSE – VBAT)
vs Temperature
TEMPERATURE (°C)
–50
49.0
49.2
49.6
49.8
50.0
51.0
50.4
0
50
75
365042 G08
49.4
50.6
50.8
50.2
–25
25
100
125
CLP Input Limit Threshold
(VCLP – VIN) vs Temperature,
ICHG at 50%
CC/CV Charging; BAT Pin Bias
Current vs VBAT
VSENSE (V)
0
–350
–250
–150
–50
100
1
2
2.5
50
–300
–200
–100
0
0.5
1.5
3
3.5
4
4.5
365042 G06
LT3650-4.2
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3650EDD-4.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650EDD-4.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com