Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28501 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28501
Description  BiCMOS PFC/PWM Combination Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28501 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28501 Datasheet HTML 1Page - Texas Instruments UCC28501 Datasheet HTML 2Page - Texas Instruments UCC28501 Datasheet HTML 3Page - Texas Instruments UCC28501 Datasheet HTML 4Page - Texas Instruments UCC28501 Datasheet HTML 5Page - Texas Instruments UCC28501 Datasheet HTML 6Page - Texas Instruments UCC28501 Datasheet HTML 7Page - Texas Instruments UCC28501 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC18500/1/2/3
UCC28500/1/2/3
UCC38500/1/2/3
DIL-20, SOIC-20 (TOP VIEW)
N, DW and J Packages
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Gate Drive Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2A
50% Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Input Voltage
ISENSE1, ISENSE2 MOUT,VSENSE, OVP, ENBL, . . . . . . . . 11V
PKLMT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input Current, RSET,IAC, PKLMT, ENA . . . . . . . . . . . . . . 10mA
Maximum Negative Voltage, GT1, GT2,
PKLMT, MOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages. All voltages are
referenced to GND.
IAC
VFF
VREF
MOUT
ISENSE1
PKLMT
CAOUT
SS2
RT
VAOUT
ISENSE2
GND
VERR
VSENSE
OVP/ENA
CT
GT2
VCC
GT1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PWRGND
CONNECTION DIAGRAMS
UCC
850
ORDERING INFORMATION
TEMPERATURE RANGE
PRODUCT OPTION
PACKAGE
UVLO
UVLO2 HYSTERESIS
UCC18500
16
1.2
UCC18501
–55
° C to +125° C
10.5
1.2
J-CDIP
UCC18502
16
3.0
N-PDIP
UCC18503
10.5
3.0
DW-SOIC
UCC28500
16
1.2
N-PDIP
DW-SOIC
UCC28501
–40
° C to +85° C
10.5
1.2
UCC28502
16
3.0
UCC28503
10.5
3.0
UCC38500
16
1.2
UCC38501
0
° C to +70° C
10.5
1.2
UCC38502
16
3.0
UCC38503
10.5
3.0
PACKAGE INFORMATION
The UCC18500 PFC section incorporates a low offset
voltage amplifier with 7.5V reference, a highly linear mul-
tiplier capable of a wide current range, a high bandwidth,
low offset current amplifier, with a novel noise attenuation
configuration, PWM comparator and latch and a high cur-
rent output driver. Additional PFC features include
over-voltage protection, zero power detection to turn-off
the output when VAOUT is below 0.25V and peak current
and power limiting.
The DC-to-DC section relies on an error signal generated
on secondary-side and processes it by performing peak
current mode control. The DC-to-DC section also fea-
tures current limiting, a controlled soft-start, preset oper-
ating range with selectable options, and 50% maximum
duty cycle.
The UCC38500 and UCC38502 have a wide PFC-UVLO
threshold (16.5V/10V) for bootstrap bias supply opera-
tion. The UCC38501 and UCC38503 are designed with a
narrow UVLO range (10.5V/10V) more suitable for fixed
bias operation. The UCC38500 and UCC38501 have a
narrow UVLO threshold for PWM stage (to allow opera-
tion down to 75% of nominal bulk voltage), while the
UCC38502 and UCC38503 are configured for a much
wider operation range for the PWM stage (down to 50%
of bulk nominal voltage).
DESCRIPTION (cont.)


Similar Part No. - UCC28501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28501 TI-UCC28501 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28501 TI1-UCC28501 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28501DW TI-UCC28501DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28501DW TI1-UCC28501DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28501DWG4 TI1-UCC28501DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com