Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137FV30LL-55ZSXE Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62137FV30LL-55ZSXE
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV30LL-55ZSXE Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62137FV30LL-55ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY62137FV30LL-55ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62137FV30 MoBL®
Document Number: 001-07141 Rev. *F
Page 4 of 12
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
VFBGA
TSOP II
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still air, soldered on a 3 × 4.5 inch,
two layer printed circuit board
75
77
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
10
13
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveform
Parameters
2.5V (2.2V to 2.7V)
3.0V (2.7V to 3.6V)
Unit
R1
16667
1103
Ω
R2
15385
1554
Ω
RTH
8000
645
Ω
VTH
1.20
1.75
V
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ [1]
Max
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
[7]
Data Retention Current
VCC = 1.5V, CE > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V
Ind’l/Auto-A
4
μA
Auto-E
12
tCDR
[8]
Chip Deselect to Data Retention Time
0
ns
tR
[9]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Figure 4. Data Retention Waveform [10]
VCC
VCC
OUTPUT
R2
30 pF
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
V
INCLUDING
JIG AND
SCOPE
VCC(min)
VCC(min)
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
VCC
CE or
BHE.BLE
Notes
8. Tested initially and after any design or process changes that may affect these parameters.
9. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 μs or stable at VCC(min) > 100 μs.
10. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE.
[+] Feedback
[+] Feedback


Similar Part No. - CY62137FV30LL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30LL-55ZSXE CYPRESS-CY62137FV30LL-55ZSXE Datasheet
511Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137FV30LL-55ZSXE CYPRESS-CY62137FV30LL-55ZSXE Datasheet
353Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137FV30LL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com