Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00035DTR Datasheet(PDF) 11 Page - Texas Instruments

Part # HPA00035DTR
Description  Single Ended Active Clamp/Reset PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPA00035DTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button HPA00035DTR Datasheet HTML 7Page - Texas Instruments HPA00035DTR Datasheet HTML 8Page - Texas Instruments HPA00035DTR Datasheet HTML 9Page - Texas Instruments HPA00035DTR Datasheet HTML 10Page - Texas Instruments HPA00035DTR Datasheet HTML 11Page - Texas Instruments HPA00035DTR Datasheet HTML 12Page - Texas Instruments HPA00035DTR Datasheet HTML 13Page - Texas Instruments HPA00035DTR Datasheet HTML 14Page - Texas Instruments HPA00035DTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
UCC3580D-3G4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580D-4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-1
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-1G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-2
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-2G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-3
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-3G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580DTR-4G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UCC3580N-1
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-2
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-2G4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-3
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-3G4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3580N-4G4
ACTIVE
PDIP
N
16
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
PACKAGE OPTION ADDENDUM
www.ti.com
17-Nov-2005
Addendum-Page 2


Similar Part No. - HPA00035DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00030DAPR TI1-HPA00030DAPR Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
HPA00033DTR TI1-HPA00033DTR Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00034DTR TI1-HPA00034DTR Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00036DTR TI1-HPA00036DTR Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - HPA00035DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com