Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2888 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2888
Description  Off-line Power Supply Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2888 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2888 Datasheet HTML 1Page - Texas Instruments UCC2888 Datasheet HTML 2Page - Texas Instruments UCC2888 Datasheet HTML 3Page - Texas Instruments UCC2888 Datasheet HTML 4Page - Texas Instruments UCC2888 Datasheet HTML 5Page - Texas Instruments UCC2888 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Off-line Power Supply Controller
Transformerless Off-line
Power Supply
Wide 100VDC to 400VDC
Allowable Input Range
Fixed 5VDC or Adjustable
Low Voltage Output
Output Sinks 200mA, Sources
150mA Into a MOSFET Gate
Uses Low Cost SMD Inductors
Short Circuit Protected
Optional Isolation Capability
The UCC3888 controller is optimized for use as an off-line, low power, low voltage,
regulated bias supply. The unique circuit topology utilized in this device can be
visualized as two cascaded flyback converters, each operating in the discontinu-
ous mode, both driven from a single external power switch. The significant benefit
of this approach is the ability to achieve voltage conversion ratios as high as 400V
to 2.7V with no transformer and low internal losses.
The control algorithm utilized by the UCC3888 sets the switch on time inversely
proportional to the input line voltage and sets the switch off time inversely propor-
tional to the output voltage. This action is automatically controlled by an internal
feedback loop and reference. The cascaded configuration allows a voltage conver-
sion from 400V to 2.7V to be achieved with a switch duty cycle of 7.6%. This topol-
ogy also offers inherent short circuit protection since as the output voltage falls to
zero, the switch off time approaches infinity.
The output voltage is set internally to 5V. It can be programmed for other output
voltages with two external resistors. An isolated version can be achieved with this
topology as described further in Unitrode Application Note U-149.
UCC1888
UCC2888
UCC3888
3/97
FEATURES
DESCRIPTION
OPERATION
With reference to the application diagram below, when input voltage is first applied,
the current through RON into TON is directed to VCC where it charges the external
capacitor, C3, connected to VCC. As voltage builds on VCC, an internal undervol-
tage lockout holds the circuit off and the output at DRIVE low until VCC reaches
8.4V. At this time, DRIVE goes high turning on the power switch, Q1, and redirect-
ing the current into TON to the timing capacitor, CT. CT charges to a fixed threshold
with a current ICHG=0.8
• (VIN - 4.5V)/RON. Since DRIVE will only be high for as
long as CT charges, the power switch on time will be inversely proportional to line
voltage. This provides a constant (line voltage)
• (switch on time) product.
Note: This device incorporates patented technology used under license from Lambda Electronics, Inc.
TYPICAL APPLICATION
UDG-96013


Similar Part No. - UCC2888

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
[Old version datasheet]   700-V Lowest Quiescent Current Off-Line Switcher
UCC28880D TI1-UCC28880D Datasheet
1Mb / 35P
[Old version datasheet]   700-V Lowest Quiescent Current Off-Line Switcher
UCC28880D TI1-UCC28880D Datasheet
1Mb / 37P
[Old version datasheet]   Low Quiescent Current Off-Line Converter
UCC28880DR TI1-UCC28880DR Datasheet
1Mb / 35P
[Old version datasheet]   700-V Lowest Quiescent Current Off-Line Switcher
More results

Similar Description - UCC2888

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
   24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
   24 W off-line switch power supply
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com