Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E102L-BA45XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14E102L-BA45XI
Description  2-Mbit (256K x 8/128K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E102L-BA45XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14E102L-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 9Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 10Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 11Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 12Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 13Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 14Page - Cypress Semiconductor CY14E102L-BA45XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADVANCE
CY14E102L, CY14E102N
Document Number: 001-45755 Rev. *A
Page 11 of 21
Switching Waveforms
Figure 5. SRAM Read Cycle #1: Address Controlled[12, 13, 23]
Figure 6. SRAM Read Cycle #2: CE and OE Controlled[12, 23, 25]
tRC
tAA
tOHA
ADDRESS
DQ (DATA OUT)
DATA VALID
ADDRESS
tRC
CE
tACE
tLZCE
tPD
tHZCE
OE
tDOE
tLZOE
DATA VALID
ACTIVE
STANDBY
tPU
DQ (DATA OUT)
ICC
tLZBE
tDBE
tHZBE
HZOE
t
tHZCE
BHE , BLE
Notes
23. HSB must remain HIGH during READ and WRITE cycles.
24. CE or WE must be >VIH during address transitions.
25. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14E102L-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E102L-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com