Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62148DV30L-55ZSXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62148DV30L-55ZSXI
Description  4-Mbit (512K x 8) MoBL짰 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30L-55ZSXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62148DV30L-55ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CY62148DV30
Document #: 38-05341 Rev. *D
Page 10 of 10
Document History Page
Document Title:CY62148DV30, 4-Mbit (512K x 8) MoBL® Static RAM
Document Number: 38-05341
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
127480
06/17/03
HRT
Created new data sheet
*A
131041
01/23/04
CBD
Changed from Advance to Preliminary
*B
222180
See ECN
AJU
Changed from Preliminary to Final
Added 70 ns speed bin
Modified footnote #6 and #12
Removed MAX value for VDR on “Data Retention Characteristics” table
Modified input and output capacitance values
Added Pb-free ordering information
Removed 32-pin STSOP package
*C
498575
See ECN
NXR
Added Automotive-A Operating Range
Removed SOIC package from Product Offering
Updated Ordering Information Table
*D
729917
See ECN
VKN
Added SOIC package and its related information
Updated Ordering Information Table


Similar Part No. - CY62148DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30L-55ZSXI CYPRESS-CY62148DV30L-55ZSXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30_07 Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_06 Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com