Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62148ELL-55SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62148ELL-55SXI
Description  4-Mbit (512K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-55SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62148ELL-55SXI Datasheet HTML 1Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 2Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY62148E MoBL®
Document #: 38-05442 Rev. *F
Page 3 of 10
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied............................................ –55°C to + 125°C
Supply Voltage to Ground
Potential.................................–0.5V to 6.0V (VCCmax + 0.5V)
DC Voltage Applied to Outputs
in High-Z State [5, 6]................–0.5V to 6.0V (VCCmax + 0.5V)
DC Input Voltage [5, 6]............ –0.5V to 6.0V (VCCmax + 0.5V)
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current ......................................................>200mA
Operating Range
Device
Range
Ambient
Temperature
VCC [7]
CY62148E
Ind’l/Auto-A
–40°C to +85°C
4.5V to 5.5V
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
45 ns
55 ns [2]
Unit
Min Typ [3]
Max
Min Typ [3]
Max
VOH
Output HIGH
Voltage
IOH = –1 mA
2.4
2.4
V
VOL
Output LOW Voltage IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage VCC = 4.5V to 5.5V
2.2
VCC+ 0.5 2.2
VCC+ 0.5
V
VIL
Input LOW voltage
VCC = 4.5V to 5.5V For TSOPII
package
–0.5
0.8
V
For SOIC
package
–0.5
0.6 [8]
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
f = fmax = 1/tRC
VCC = VCC(max)
IOUT = 0 mA
CMOS levels
15
20
15
20
mA
f = 1 MHz
2
2.5
2
2.5
ISB2 [9]
Automatic CE Power
down Current —
CMOS Inputs
CE > VCC – 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max)
17
1
7
µA
Capacitance (For All Packages) [10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
5. VIL(min) = –2.0V for pulse durations less than 20 ns for I < 30 mA.
6. VIH(max) = VCC+0.75V for pulse durations less than 20 ns.
7. Full device AC operation assumes a minimum of 100 µs ramp time from 0 to VCC(min) and 200 µs wait time after VCC stabilization.
8. Under DC conditions the device meets a VIL of 0.8V. However, in dynamic conditions Input LOW Voltage applied to the device must not be higher than 0.6V. This
is applicable to SOIC package only. Refer to AN13470 for details.
9. Only chip enable (CE) must be HIGH at CMOS level to meet the ISB2 spec. Other inputs can be left floating.
10. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
942Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
More results

Similar Description - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com