Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3650IMSE-4.2TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3650IMSE-4.2TRPBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650IMSE-4.2TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3650IMSE-4.2TRPBF Datasheet HTML 1Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 2Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 3Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 4Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 5Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 6Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 7Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 8Page - Linear Technology LT3650IMSE-4.2TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3650-4.1/LT3650-4.2
3
36504142fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LT3650
VIN
VIN Operating Range
VIN Start Voltage
(Note 3)
l
l
4.75
32
7.5
V
V
VIN(OVLO)
OVLO Threshold
OVLO Hysteresis
VIN Rising
l
32
35
1
40
V
V
VIN(UVLO)
UVLO Threshold
UVLO Hysteresis
VIN Rising
l
4.6
0.2
4.75
V
V
VBAT(FLT)
Battery Float Voltage
LT3650-4.1
l
4.08
4.06
4.1
4.12
4.14
V
V
LT3650-4.2
l
4.18
4.16
4.2
4.22
4.24
V
V
ΔVRECHRG
Recharge Battery Threshold
Threshold Voltage Relative to VBAT(FLT)
–100
mV
VBAT(PRE)
Battery Precondition Threshold Voltage
VBAT Rising
2.9
V
VBAT(PREHYST)
Battery Precondition Threshold
Hysteresis
90
mV
IVIN
Operating Input Supply Current
CC/CV Mode, ISW = 0
Standby Mode
Shutdown (SHDN = 0)
l
2.5
85
15
3.5
mA
μA
μA
IBOOST
BOOST Supply Current
Switch-On, ISW = 0
2.5V < V(BOOST – SW) < 4.5V
20
mA
IBOOST/ISW
BOOST Switch Drive
ISW = 2A
30
mA/A
VSW(ON)
Switch-On Voltage Drop
VIN – VSW, ISW = 2A
350
mV
ISW(MAX)
Switch Current Limit
l
2.5
A
VSENSE(PRE)
Precondition Current Sense Voltage
VSENSE – VBAT
VBAT = 2.5
15
mV
VCLP(DC)
CLP Threshold Voltage
VCLP – VIN; VSENSE – VBAT = 50mV
l
37.5
50
62.5
mV
ICLP
CLP Input Bias Current
200
nA
VSENSE(DC)
Maximum Current Sense Voltage
VSENSE – VBAT; VBAT = 3.5V, VRNG/SS = 1.2V l
95
100
105
mV
VSENSE(C/10)
C/10 Trigger Sense Voltage
l
7.5
10
12.5
mV
IBAT
BAT Input Bias Current
Charging Terminated
l
0.1
1
μA
ISENSE
SENSE Input Bias Current
Charging Terminated
l
0.1
1
μA
IREVERSE
Charger Reverse Current:
IBAT + ISENSE + ISW
VIN = 0V; BAT = SENSE = SW = VBAT(FLT)
1μA
VNTC(H)
NTC Range Limit (High)
VNTC Rising
l
1.25
1.36
1.45
V
VNTC(L)
NTC Range Limit (Low)
VNTC Falling
l
0.27
0.29
0.315
V
VNTC(HYST)
NTC Threshold Hysteresis
% of Threshold
20
%
RNTC(DIS)
NTC Disable Impedance
Minimum External Impedance to GND
l
250
500
k
Ω
INTC
NTC Bias Current
VNTC = 0.8V
l
47.5
50
52.5
μA
IRNG/SS
IRNG/SS Bias Current
l
45
50
55
μA
VRNG/SS/VSENSE
Current Limit Programming:
VRNG/SS/VSENSE(MAX)
VRNG/SS = 0.5
l
8.5
10
11.5
V/V
VSHDN
Shutdown Threshold
Rising
l
1.17
1.20
1.23
V
VSHDN(HYST)
Shutdown Hysteresis
120
mV
ISHDN
SHDN Input Bias Current
–10
nA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at VIN = 20V, BOOST-SW = 4V, SHDN = 2V, SENSE = BAT = VBAT(FLT), CTIMER = 0.68μF.


Similar Part No. - LT3650IMSE-4.2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650IMSE-4.2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com