Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104NA-ZSP45XCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B104NA-ZSP45XCT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZSP45XCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B104NA-ZSP45XCT Datasheet HTML 1Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 2Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZSP45XCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *B
Page 3 of 23
Figure 3. Pin Diagram - 54 Pin TSOP II (x16)
Table 1. Pin Definitions
Pin Name
I/O Type
Description
A0 – A18
Input
Address Inputs Used to Select One of the 524,288 bytes of the nvSRAM for x8 Configuration.
A0 – A17
Address Inputs Used to Select One of the 262,144 words of the nvSRAM for x16 Configuration.
DQ0 – DQ7 Input/Output Bidirectional Data I/O Lines for x8 Configuration. Used as input or output lines depending on
operation.
DQ0 – DQ15
Bidirectional Data I/O Lines for x16 Configuration. Used as input or output lines depending on
operation.
WE
Input
Write Enable Input, Active LOW. When selected LOW, data on the I/O pins is written to the specific
address location.
CE
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. I/O pins are tristated on deasserting OE HIGH.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15 - DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7 - DQ0.
VSS
Ground
Ground for the Device. Must be connected to the ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
HSB[6]
Input/Output Hardware Store Busy (HSB). When LOW this output indicates that a hardware store is in progress.
When pulled LOW external to the chip it initiates a nonvolatile STORE operation. A weak internal pull
up resistor keeps this pin HIGH if not connected (connection optional). After each store operation HSB
is driven HIGH for a short time with standard output high current.
VCAP
Power Supply AutoStore Capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
NC
No Connect No Connect. This pin is not connected to the die.
Pinouts (continued)
A17
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
A16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
54 - TSOP II
Top View
(not to scale)
OE
CE
VCC
NC
VSS
NC
A9
NC
NC
NC
NC
NC
NC
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
(x16)
[4]
[5]
[+] Feedback


Similar Part No. - CY14B104NA-ZSP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZSP45XI CYPRESS-CY14B104NA-ZSP45XI Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZSP45XI CYPRESS-CY14B104NA-ZSP45XI Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZSP45XI CYPRESS-CY14B104NA-ZSP45XI Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZSP45XI CYPRESS-CY14B104NA-ZSP45XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104NA-ZSP45XIT CYPRESS-CY14B104NA-ZSP45XIT Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104NA-ZSP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com