Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3008ETS8-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3008ETS8-2.5
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008ETS8-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT3008ETS8-2.5 Datasheet HTML 1Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 2Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 3Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 4Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 5Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 6Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 7Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 8Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3008 Series
3
3008fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3008EDC-3.3#PBF
LT3008EDC-3.3#TRPBF
LFHN
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-3.3#PBF
LT3008IDC-3.3#TRPBF
LFHN
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-5#PBF
LT3008EDC-5#TRPBF
LFHQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-5#PBF
LT3008IDC-5#TRPBF
LFHQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008ETS8#PBF
LT3008ETS8#TRPBF
LTDSX
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8#PBF
LT3008ITS8#TRPBF
LTDSX
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-1.2#PBF
LT3008ETS8-1.2#TRPBF
LTFHD
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-1.2#PBF
LT3008ITS8-1.2#TRPBF
LTFHD
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-1.5#PBF
LT3008ETS8-1.5#TRPBF
LTFHG
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-1.5#PBF
LT3008ITS8-1.5#TRPBF
LTFHG
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-1.8#PBF
LT3008ETS8-1.8#TRPBF
LTFHJ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-1.8#PBF
LT3008ITS8-1.8#TRPBF
LTFHJ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-2.5#PBF
LT3008ETS8-2.5#TRPBF
LTFHM
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-2.5#PBF
LT3008ITS8-2.5#TRPBF
LTFHM
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-3.3#PBF
LT3008ETS8-3.3#TRPBF
LTFHP
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-3.3#PBF
LT3008ITS8-3.3#TRPBF
LTFHP
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ETS8-5#PBF
LT3008ETS8-5#TRPBF
LTFHR
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8-5#PBF
LT3008ITS8-5#TRPBF
LTFHR
8-Lead Plastic TSOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3008EDC
LT3008EDC#TR
LDPS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC
LT3008IDC#TR
LDPS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.2
LT3008EDC-1.2#TR
LFHC
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.2
LT3008IDC-1.2#TR
LFHC
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.5
LT3008EDC-1.5#TR
LFHF
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.5
LT3008IDC-1.5#TR
LFHF
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.8
LT3008EDC-1.8#TR
LFHH
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.8
LT3008IDC-1.8#TR
LFHH
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-2.5
LT3008EDC-2.5#TR
LFHK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-2.5
LT3008IDC-2.5#TR
LFHK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-3.3
LT3008EDC-3.3#TR
LFHN
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-3.3
LT3008IDC-3.3#TR
LFHN
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-5
LT3008EDC-5#TR
LFHQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-5
LT3008IDC-5#TR
LFHQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008ETS8
LT3008ETS8#TR
LTDSX
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3008ITS8
LT3008ITS8#TR
LTDSX
8-Lead Plastic TSOT-23
–40°C to 125°C


Similar Part No. - LT3008ETS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008ETS8-PBF LINER-LT3008ETS8-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TR LINER-LT3008ETS8-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TRPBF LINER-LT3008ETS8-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008ETS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com