Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3754IUHPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3754IUHPBF
Description  16-Channel50mA LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754IUHPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3754IUHPBF Datasheet HTML 6Page - Linear Technology LT3754IUHPBF Datasheet HTML 7Page - Linear Technology LT3754IUHPBF Datasheet HTML 8Page - Linear Technology LT3754IUHPBF Datasheet HTML 9Page - Linear Technology LT3754IUHPBF Datasheet HTML 10Page - Linear Technology LT3754IUHPBF Datasheet HTML 11Page - Linear Technology LT3754IUHPBF Datasheet HTML 12Page - Linear Technology LT3754IUHPBF Datasheet HTML 13Page - Linear Technology LT3754IUHPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3754
10
3754f
OPERATION
to define the turn on/off voltages for VIN. SHDN/UVLO pin
current switches from 2.4μA to 0μA when SHDN/UVLO
pin voltage exceeds 1.476V.
The LT3754 constant switching frequency is programmable
from 100kHz up to 1MHz using a single resistor at the RT
pin to ground. A SYNC pin is also provided to allow an
external clock to define the converter switching frequency.
The GATE output provides a
±0.8A peak gate drive for an
external N-channel power MOSFET to generate a boosted
output voltage VOUT using a single inductor, Schottky diode
and output capacitor. With LED strings connected from
VOUT to every LED pin, the lowest voltage on each LED pin
is monitored and compared to an internal 1V reference.
VOUT is regulated to ensure the lowest LED pin voltage of
any connected LED string is maintained at 1V. If any of
the LED strings are open, the LT3754 will ignore the open
LED pin. If all of the LED strings are open VOUT charges up
until a user programmable OVP (overvoltage protection)
level is reached. This programmable OVP level allows the
user to protect against LED damage when the LED strings
are opened and then reconnected.
Since the LT3754 boost controller uses a current mode
topology, the VC pin voltage determines the peak current
in the inductor of the converter and hence the duty cycle
of the GATE switching waveform. The basic loop uses a
pulse from an internal oscillator to set an RS flip-flop and
turn on the external power MOSFET. Current increases
in the MOSFET and inductor until the VC commanded
peak switch current is exceeded and the MOSFET is then
turned off. Inductor current is sensed during the GATE on
period by a sense resistor RS in the source of the external
N-channel power MOSFET. As with all current mode
converters, slope compensation is added to the control
path to ensure stability for duty cycles above 50%. Any
over current fault condition in the MOSFET turns off the
MOSFET and triggers soft start internally. In this fault mode
the LT3754 only allows MOSFET turn-on approximately
every 2ms. This hiccup mode significantly reduces the
power rating required for the MOSFET.
LED current programming and dimming can be achieved
using the ISET, CTRL and PWM pins. A single resistor at
the ISET pin programs LED current. Analog dimming of
LED brightness is achieved using the CTRL pin below 1V.
PWM dimming of LED brightness is achieved by control-
ling the duty cycle of the PWM pin.
For robust operation the LT3754 monitors system
conditions and performs soft start for startup after any of
the following faults: VIN, SHDN or INTVCC voltages too low
or MOSFET current too high. The LT3754, when entering
these faults, discharges an internal soft start node and
prevents switching at the GATE pin. When exiting these
faults the LT3754 ramps up an internal soft start node to
control VC pin voltage rise and hence control MOSFET peak
switch current rise. In addition the soft start period gradually
ramps up switching frequency from approximately 33%
to 100% of full scale.
The LT3754 monitors each LED pin voltage. If the LED
string has an open fault (V(LEDX)<0.5V) the FAULT flag
is pulled low.
For LED protection, the LT3754 CTRL pin allows an LED
current derating curve to be programmed versus the
ambient temperature of the LED strings. An NTC resistor
placed close to the LEDs decreases CTRL pin voltage and
hence decreases LED current as LED ambient temperature
increases.
The LT3754 also allows it’s own junction temperature to
be monitored and regulated by derating LED currents
when a junction temperature programmed by the TSET
pin is exceeded.


Similar Part No. - LT3754IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3754 LINER-LT3754 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3754 LINER-LT3754 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
More results

Similar Description - LT3754IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
LT3909 LINER-LT3909 Datasheet
341Kb / 8P
   2-String 횞 50mA, 2MHz Step-Up LED Driver
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
   8-Channel 45V, 50mA LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com