Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62177DV30L-55BAI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62177DV30L-55BAI
Description  32-Mbit (2M x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177DV30L-55BAI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62177DV30L-55BAI Datasheet HTML 3Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 4Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 5Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 6Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 7Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 8Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 9Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 10Page - Cypress Semiconductor CY62177DV30L-55BAI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY62177DV30
MoBL®
Document #: 38-05633 Rev. *C
Page 10 of 11
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
MoBL is a registered trademark and More Battery Life is a trademarks of Cypress Semiconductor Corporation. All product and
company names mentioned in this document may be the trademarks of their respective holders
Package Diagram
ENCE AND ITS CONTENTS MAY NOT BE DISCLOSED WITHOUT WRITTEN CONSENT OF CYPRESS COMPANY.
AINS INFORMATION WHICH IS THE PROPRIETARY PROPERTY OF CYPRESS COMPANY. THIS DRAWING IS
A
Company Confidential
PART NO.
UNLESS OTHERWISE SPECIFIED
SHEET
DWG NO
SCALE
SIZE
TITLE
FINISH
MATERIAL
ANGLES
DECIMALS
STANDARD TOLERANCES ON:
ALL DIMENSIONS ARE IN MILLIMETERS
APPROVED BY
APPROVED BY
CHK BY
DRAWN
DESIGNED BY
DATE
DATE
DATE
DATE
DATE
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
8.00±0.10
A
8.00±0.10
B
1.875
+
+
-
-+
+
-
--+
.XXXX
.XXX
.XX
HTN
06/25/03
48 FBGA (8x9.5x1.2MM) PACKAGE OUTLINE
BA48J
51-85191
1: 1
CYPRESS
48 FBGA (8 x 9.5 x 1.2 MM) (51-85191)
51-85191-**
[+] Feedback


Similar Part No. - CY62177DV30L-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30L-55BAI CYPRESS-CY62177DV30L-55BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results

Similar Description - CY62177DV30L-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1071AV33 CYPRESS-CY7C1071AV33 Datasheet
148Kb / 10P
   32-Mbit (2M x 16) Static RAM
CY62177DV20 CYPRESS-CY62177DV20_08 Datasheet
308Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_11 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com