Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758EDDTRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3758EDDTRPBF
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758EDDTRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3758EDDTRPBF Datasheet HTML 1Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 2Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 3Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 4Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 5Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 6Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 7Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 8Page - Linear Technology LT3758EDDTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LT3758
5
3758f
TEMPERATURE (°C)
–50
1.590
1.592
1.596
1.598
1.600
1.604
0
50
75
1.594
1.602
–25
25
100
125
3758 G01
VIN = 100V
VIN = 24V
VIN = 8V
VIN = INTVCC = 5.5V
TEMPERATURE (°C)
–50
–804
–802
–800
–798
–792
–794
0
50
75
–796
–25
25
100
125
3758 G02
VIN = 100V
VIN = 24V
VIN = 8V
VIN = INTVCC = 5.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Positive Feedback Voltage
vs Temperature, VIN
Negative Feedback Voltage
vs Temperature, VIN
Quiescent Current
vs Temperature, VIN
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
1.4
1.6
1.8
0
50
75
1.5
1.7
–25
25
100
125
3758 G03
VIN = 100V
VIN = 24V
VIN = INTVCC = 5.5V
Dynamic Quiescent Current
vs Switching Frequency
RT vs Switching Frequency
Normalized Switching
Frequency vs FBX
FBX VOLTAGE (V)
–0.8
0
20
40
60
80
120
–0.4
0
0.4
0.8
3758 G06
1.2
1.6
100
SWITCHING FREQUENCY (kHz)
0
0
15
20
35
300
500 600 700
10
5
25
30
100 200
400
900
800
1000
3758 G04
CGATE = 3300pF
SWITCHING FREQUENCY (kHz)
0
10
100
1000
300
500 600 700
100 200
400
900
800
1000
3758 G05


Similar Part No. - LT3758EDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
logo
Analog Devices
LT3758 AD-LT3758 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
logo
Analog Devices
LT3758 AD-LT3758 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
514Kb / 32P
   Wide Input Voltage Range
More results

Similar Description - LT3758EDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com