Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256VNLL-70ZRI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62256VNLL-70ZRI
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VNLL-70ZRI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62256VNLL-70ZRI Datasheet HTML 4Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 5Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 6Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 7Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 8Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 9Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 10Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 11Page - Cypress Semiconductor CY62256VNLL-70ZRI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY62256VN
Document #: 001-06512 Rev. *A
Page 9 of 12
Typical DC and AC Characteristics (continued)
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
CYCLE FREQUENCY (MHz)
NORMALIZED ICC vs. CYCLE TIME
0.0
1000
0.50
TA = 25°C
VIN = 0.5V
1
VCC = 3.0V
TA = 25°C
VCC = 3V
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High-Z
Deselect/Power-down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High-Z
Deselect, Output Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
70
CY62256VNLL-70SNC
51-85092
28-lead (300-mil) Narrow SOIC
Commercial
CY62256VNLL-70SNXC
28-lead (300-mil) Narrow SOIC (Pb-Free)
CY62256VNLL-70ZC
51-85071
28-lead TSOP I
CY62256VNLL-70ZXC
28-lead TSOP I (Pb-Free)
CY62256VNLL-70SNXI
51-85092
28-lead (300-mil) Narrow SOIC (Pb-Free)
Industrial
CY62256VNLL-70ZI
51-85071
28-lead TSOP I
CY62256VNLL-70ZXI
28-lead TSOP I (Pb-Free)
CY62256VNLL-70ZRI
51-85074
28-lead Reverse TSOP I
CY62256VNLL-70ZRXI
28-lead Reverse TSOP I (Pb-Free)
CY62256VNLL-70ZXA
51-85071
28-lead TSOP I (Pb-Free)
Automotive-A
CY62256VNLL-70SNXE
51-85092
28-lead (300-mil) Narrow SOIC (Pb-Free)
Automotive-E
CY62256VNLL-70ZXE
51-85071
28-lead TSOP I (Pb-Free)
CY62256VNLL-70ZRXE
51-85074
28-lead Reverse TSOP I (Pb-Free)
Please contact your local Cypress sales representative for availability of other parts
[+] Feedback


Similar Part No. - CY62256VNLL-70ZRI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VNLL-70ZRI CYPRESS-CY62256VNLL-70ZRI Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY62256VNLL-70ZRI CYPRESS-CY62256VNLL-70ZRI Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256VNLL-70ZRI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com