Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NLL-70PC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62256NLL-70PC
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-70PC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62256NLL-70PC Datasheet HTML 1Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 2Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 3Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-70PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY62256N
Document #: 001-06511 Rev. *B
Page 4 of 14
Thermal Resistance
Parameter
Description[5]
Test Conditions
DIP
SOIC
TSOP
RTSOP
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 4.25 x 1.125
inch, 4-layer printed circuit board
75.61
76.56
93.89
93.89
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
43.12
36.07
24.64
24.64
°C/W
Figure 3. AC Test Loads and Waveforms
Data Retention Characteristics
Parameter
Description
Conditions[6]
Min
Typ[2]
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current L
VCC = 2.0V, CE > VCC − 0.3V,
VIN > VCC − 0.3V, or VIN < 0.3V
250
μA
LL-Commercial
0.1
5
μA
LL - Industrial/Auto-A
0.1
10
μA
LL - Auto-E
0.1
10
μA
tCDR[8]
Chip Deselect to Data Retention Time
0
ns
tR[8]
Operation Recovery Time
tRC
ns
3.0V
5V
OUTPUT
R1 1800
Ω
R2
990
Ω
100 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
<5 ns
5V
OUTPUT
R1 1800
Ω
R2
990
Ω
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.77V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
639
Ω
Note
6. No input may exceed VCC + 0.5V.
Figure 4. Data Retention Waveform
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
[+] Feedback


Similar Part No. - CY62256NLL-70PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70PC CYPRESS-CY62256NLL-70PC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256NLL-70PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com