Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NLL-70PXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62256NLL-70PXC
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-70PXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62256NLL-70PXC Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 9Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 10Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 11Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 12Page - Cypress Semiconductor CY62256NLL-70PXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY62256N
Document #: 001-06511 Rev. *B
Page 9 of 14
Typical DC and AC Characteristics (continued)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
0.0
5.0
0.0
1000
0.50
NORMALIZED ICC vs. CYCLE TIME
TA = 25°C
VCC = 5.0V
VIN = 5.0V
TA = 25°C
VCC = 4.5V
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High-Z
Deselect/Power down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High-Z
Output Disabled
Active (ICC)
[+] Feedback


Similar Part No. - CY62256NLL-70PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70PXC CYPRESS-CY62256NLL-70PXC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NLL-70PXC CYPRESS-CY62256NLL-70PXC Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
CY62256NLL-70PXC CYPRESS-CY62256NLL-70PXC Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results

Similar Description - CY62256NLL-70PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com