Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356MPMS-1TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT4356MPMS-1TR
Description  Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356MPMS-1TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4356MPMS-1TR Datasheet HTML 2Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 3Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 4Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 5Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 6Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 7Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 8Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 9Page - Linear Technology LT4356MPMS-1TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT4356MP-1/LT4356MP-2
6
4356mp12f
Overvoltage Turn-Off Time
vs Temperature
Overcurrent Turn-Off Time
vs Temperature
TEMPERATURE (°C)
–50
0
100
0
50
100
125
4356mp12 G19
500
400
300
200
–25
25
75
OVERVOLTAGE CONDITION
VFB = 1.5V
TEMPERATURE (°C)
–50
1.0
1.5
0
50
100
125
4356mp12 G20
4.0
3.5
3.0
2.5
2.0
–25
25
75
OVERCURRENT CONDITION
ΔVSNS = 120mV
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.
VCC (V)
0
–10
–15
–80
4356mp12 G21
–5
0
–20
–40
–60
–20
VCC = SNS
Reverse Current
vs Reverse Voltage
PIN FUNCTIONS
AOUT: Amplifier Output. Open collector output of the auxil-
iary amplifier. It is capable of sinking up to 2mA from 80V.
The negative input of the amplifier is internally connected
to a 1.25V reference.
EN: Open-Collector Enable Output. The EN pin goes high
impedance when the voltage at the OUT pin is above (VCC
– 0.7V), indicating the external MOSFET is fully on. The
state of the pin is latched until the OUT pin voltage resets
at below 0.5V and goes back up above 2V. The internal
NPN is capable of sinking up to 3mA of current from 80V
to drive an LED or opto-coupler.
Exposed Pad: Exposed pad may be left open or connected
to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin
to the center tap of the output resistive divider connected
between the OUT pin and ground. During an overvoltage
condition, the GATE pin is servoed to maintain a 1.25V
threshold at the FB pin. This pin is clamped internally to
7V. Tie to GND to disable the OV clamp.
FLT: Open-Collector Fault Output. This pin pulls low
after the voltage at the TMR pin has reached the fault
threshold of 1.25V. It indicates the pass transistor is
about to turn off because either the supply voltage has
stayed at an elevated level for an extended period of
time (voltage fault) or the device is in an overcurrent
condition (current fault). The internal NPN is capable of
sinking up to 3mA of current from 80V to drive an LED or
opto-coupler.
GATE: N-channel MOSFET Gate Drive Output. The GATE pin
is pulled up by an internal charge pump current source and
clamped to 14V above the OUT pin. Both voltage and cur-
rent amplifiers control the GATE pin to regulate the output
voltage and limit the current through the MOSFET.
GND: Device Ground.
IN+:
Positive Input of the Auxiliary Amplifier. This amplifier
can be used as a level detection comparator with external
hysteresis or linear regulator controlling an external PNP
transistor. This pin is clamped internally to 7V. Connect
to ground if unused.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the N-channel MOSFET and sets
the fault timer current. When the OUT pin voltage reaches
0.7V away from VCC, the EN pin goes high impedance.
SHDN: Shutdown Control Input. The LT4356 can be shut
down to a low current mode by pulling the SHDN pin below
the shutdown threshold of 0.6V. Pull this pin above 1.7V or
disconnect it and allow the internal current source to turn
the part back on. The leakage current to ground at the pin


Similar Part No. - LT4356MPMS-1TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356MPMS-3 AD-LT4356MPMS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356MPMS-1TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com