Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356MPS-1TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT4356MPS-1TR
Description  Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356MPS-1TR Datasheet(HTML) 1 Page - Linear Technology

  LT4356MPS-1TR Datasheet HTML 1Page - Linear Technology LT4356MPS-1TR Datasheet HTML 2Page - Linear Technology LT4356MPS-1TR Datasheet HTML 3Page - Linear Technology LT4356MPS-1TR Datasheet HTML 4Page - Linear Technology LT4356MPS-1TR Datasheet HTML 5Page - Linear Technology LT4356MPS-1TR Datasheet HTML 6Page - Linear Technology LT4356MPS-1TR Datasheet HTML 7Page - Linear Technology LT4356MPS-1TR Datasheet HTML 8Page - Linear Technology LT4356MPS-1TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT4356MP-1/LT4356MP-2
1
4356mp12f
APPLICATIONS
FEATURES
DESCRIPTION
Surge Stopper
The LT®4356 surge stopper protects loads from high voltage
transients. It regulates the output during an overvoltage
event, such as load dump in automobiles, by controlling
the gate of an external N-channel MOSFET. The output
is limited to a safe value thereby allowing the loads to
continue functioning. The LT4356MP also monitors the
voltage drop between the VCC and SNS pins to protect
against overcurrent faults. An internal amplifier limits the
current sense voltage to 50mV. In either fault condition, a
timer is started inversely proportional to MOSFET stress.
If the timer expires, the FLT pin pulls low to warn of an
impending power-down. If the condition persists, the
MOSFET is turned off. After a cooldown period, the GATE
pin pulls up turning on the MOSFET again.
The spare amplifier may be used as a voltage detection
comparator or as a linear regulator controller driving an
external PNP pass transistor.
Back-to-back FETs can be used in lieu of a Schottky diode
for reverse input protection, reducing voltage drop and
power loss. A shutdown pin reduces the quiescent current
to less than 7μA during shutdown for the LT4356-1 and
60μA for the LT4356-2 while keeping the reference and
auxiliary amplifier functioning.
n Automotive/Avionic Surge Protection
n Hot Swap/Live Insertion
n High Side Switch for Battery Powered Systems
n Intrinsic Safety Applications
n Stops High Voltage Surges
n Adjustable Output Clamp Voltage
n Overcurrent Protection
n Wide Operation Range: 4V to 80V
n Reverse Input Protection to –60V
n Low 7μA Shutdown Current, LT4356-1
n Adjustable Fault Timer
n Controls N-channel MOSFET
n Shutdown Pin Withstands –60V to 100V
n Fault Output Indication
n Guaranteed Operation –55°C to 125°C
n Spare Amplifier for Level Detection Comparator or
Linear Regulator Controller
n Available in 10-Pin MSOP or 16-Pin SO Packages
4A, 12V Overvoltage Output Regulator
Overvoltage Protector Regulates Output at
27V During Transient
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
0.1μF
10Ω
10mΩ
IRLR2908
VIN
12V
4356mp12 TA01
LT4356S
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
FAULT
VOUT
EN
FLT
UNDERVOLTAGE
FB
VCC
DC-DC
CONVERTER
GND
SHDN
VCC
4.99k
383k
100k
102k
100ms/DIV
4356mp12 TA01b
VIN
20V/DIV
VOUT
20V/DIV
80V INPUT SURGE
CTMR = 6.8μF
ILOAD = 500mA
27V ADJUSTABLE CLAMP
12V
12V
TYPICAL APPLICATION


Similar Part No. - LT4356MPS-1TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4356MPS-3 AD-LT4356MPS-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356MPS-1TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com