Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NLL-70ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62256NLL-70ZC
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-70ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62256NLL-70ZC Datasheet HTML 1Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 2Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 3Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY62256N
Document #: 001-06511 Rev. *B
Page 3 of 14
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. -55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14)............................................–0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[3].................................... –0.5V to VCC + 0.5V
DC Input Voltage[3] ................................ –0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature (TA)[4]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Automotive-A
–40
°C to +85°C
5V
± 10%
Automotive-E
–40
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-55
-70
Unit
Min Typ[2]
Max
Min
Typ[2]
Max
VOH
Output HIGH Voltage
VCC = Min., IOH = −1.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.5V
2.2
VCC
+0.5V
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–0.5
+0.5
–0.5
+0.5
μA
IOZ
Output Leakage Current GND < VO < VCC, Output Disabled
–0.5
+0.5
–0.5
+0.5
μA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
L-Commercial/
Industrial
25
50
mA
LL-Commercial
25
50
mA
LL - Industrial
25
50
25
50
mA
LL - Auto-A
25
50
25
50
mA
LL - Auto-E
25
50
mA
ISB1
Automatic CE
Power down Current—
TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH or VIN < VIL,
f = fMAX
L0.4
0.6
mA
LL-Commercial
0.3
0.5
mA
LL - Industrial
0.3
0.5
0.3
0.5
mA
LL - Auto-A
0.3
0.5
0.3
0.5
mA
LL - Auto-E
0.3
0.5
mA
ISB2
Automatic CE
Power down Current—
CMOS Inputs
Max. VCC,
CE > VCC − 0.3V
VIN > VCC − 0.3V, or
VIN < 0.3V, f = 0
L2
50
μA
LL-Commercial
0.1
5
μA
LL - Industrial
0.1
10
0.1
10
μA
LL - Auto-A
0.1
10
0.1
10
μA
LL - Auto-E
0.1
15
μA
Capacitance
Parameter
Description
Test Conditions[5]
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
6pF
COUT
Output Capacitance
8
pF
Notes
3. VIL (min.) = 2.0V for pulse durations of less than 20 ns.
4. TA is the “Instant-On” case temperature.
5. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62256NLL-70ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70ZC CYPRESS-CY62256NLL-70ZC Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256NLL-70ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com