Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6703HVCS5-3TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6703HVCS5-3TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HVCS5-3TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6703HVCS5-3TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 9Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 10Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 11Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 12Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 13Page - Linear Technology LT6703HVCS5-3TRMPBF Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
11
670323fd
APPLICATIONS INFORMATION
Comparator Input
The comparator input can range from ground to 18V (36V
for LT6703HV), regardless of the supply voltage used. The
typical input current for inputs well above the threshold
(i.e., >800mV) is a few pA leaking into the input. With
decreasing input voltage, a small bias current begins
to be drawn out of the input, reaching a few nA when at
ground potential. The input may be forced 100mV below
ground without causing an improper output, though some
additional bias current will begin to flow from the ESD
input protection diode. Inputs driven further negative than
100mV below ground will not cause damage provided the
current is limited to 10mA.
Comparator Output
The comparator output is open collector and capable of
sinking 40mA typical. Load currents are directed out of
the GND pin of the part. The output off-state voltage may
range between – 0.3V and 18V (36V for LT6703HV) with
respect to ground, regardless of the supply voltage used.
When the output high state bias voltage is above 18V, a
100k minimum pull-up resistor is required and no total load
capacitor greater than 100nF should be used. If the output
high state is above 18V, caution has to be taken to prevent
a short from the output directly to the bias voltage, even
if the output is in the off state. As with any open-collector
device, the outputs of multiple comparators may be tied
together to implement wire-AND logic functions.
Power Supplies
The comparator circuitry operates from a single 1.4V
to 18V supply. A minimum 0.1μF bypass capacitor is
required between the VS pin and GND. When an output
load is connected to the supply rail near the part and the
output is sinking more than 5mA, a 1μF bypass capacitor is
recommended. In instances where the supply is relatively
“soft” (such as with small batteries) and susceptible to
load steps, an additional 47Ω series decoupling resistor
can further improve isolation of supply transients from
the VS pin.


Similar Part No. - LT6703HVCS5-3TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HVCS5-3TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com