Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1917 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC1917
Description  Positive Floating Hot Swap Power Manager
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1917 Datasheet(HTML) 8 Page - Texas Instruments

  UCC1917 Datasheet HTML 1Page - Texas Instruments UCC1917 Datasheet HTML 2Page - Texas Instruments UCC1917 Datasheet HTML 3Page - Texas Instruments UCC1917 Datasheet HTML 4Page - Texas Instruments UCC1917 Datasheet HTML 5Page - Texas Instruments UCC1917 Datasheet HTML 6Page - Texas Instruments UCC1917 Datasheet HTML 7Page - Texas Instruments UCC1917 Datasheet HTML 8Page - Texas Instruments UCC1917 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
UCC1917
UCC2917
UCC3917
FLTOUT
R2
R1
LOCAL
VDD
LOCAL
FAULT
13
V
DD
R2
R1
LOCAL
VDD
LOCAL
FAULT
13
V
DD
FLTOUT
11
11
R2
R1
LOCAL
VDD
LOCAL
FAULT
13
V
DD
FLTOUT
11
(A)
(B)
(C)
Figure 6. Potential level shift circuitry to interface to FLTOUT on the UCC3917.
supply voltage for the system is 25V, choose
R
V
A
k
>=
25
60
416
µ
Ω.
The capacitor C shown on the output of this circuit is
useful to filter the level shift output and prevent false
triggering from noise. The minimum recommended ca-
pacitor value is 100pF. Larger capacitors will result in
better noise immunity and longer delay to logic com-
mand.
The circuit in Fig. 5B accomplished the same function as
the circuit in Fig. 5A, using different components. In this
circuit, select resistor R so that the transistor draws
enough current to exceed the 60
µA logic threshold but
doesn’t exceed the 500
µA maximum logic input current.
For example, if the input circuit is 5V logic, then
APPLICATION INFORMATION (cont.)
SHTDWN
OR
LATCH
R
C
VOUT
TO
UCC3917
(A)
C
VOUT
TO
UCC3917
(B)
R
SHTDWN
OR
LATCH
Figure 5. Potential level shift circuitry
to interface to LATCH and SHTDWN on the
UDG-99148


Similar Part No. - UCC1917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
More results

Similar Description - UCC1917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC2917 TI1-UCC2917 Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com