Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3548AIDDPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3548AIDDPBF
Description  Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548AIDDPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3548AIDDPBF Datasheet HTML 6Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 7Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 8Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 9Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 10Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 11Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 12Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 13Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3548A
10
3548af
APPLICATIONS INFORMATION
Table 1. Representative Surface Mount Inductors
MANU-
FACTURER
PART NUMBER
VALUE
MAX DC
CURRENT
DCR
HEIGHT
Taiyo
Yuden
CB2016T2R2M
CB2012T2R2M
CB2016T3R3M
2.2μH
2.2μH
3.3μH
510mA
530mA
410mA
0.13Ω
0.33Ω
0.27Ω
1.6mm
1.25mm
1.6mm
Panasonic
ELT5KT4R7M
4.7μH
950mA
0.2Ω
1.2mm
Sumida
CDRH2D18/LD
4.7μH
630mA
0.086Ω
2mm
Murata
LQH32CN4R7M23
4.7μH
450mA
0.2Ω
2mm
Taiyo
Yuden
NR30102R2M
NR30104R7M
2.2μH
4.7μH
1100mA
750mA
0.1Ω
0.19Ω
1mm
1mm
FDK
FDKMIPF2520D
FDKMIPF2520D
FDKMIPF2520D
4.7μH
3.3μH
2.2μH
1100mA
1200mA
1300mA
0.11Ω
0.1Ω
0.08Ω
1mm
1mm
1mm
TDK
VLF3010AT4R7-
MR70
VLF3010AT3R3-
MR87
VLF3010AT2R2-
M1R0
4.7μH
3.3μH
2.2μH
700mA
870mA
1000mA
0.28Ω
0.17Ω
0.12Ω
1mm
1mm
1mm
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
ΔVOUT ≈ΔIL ESR+
1
8fO COUT
⎝⎜
⎠⎟
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2.
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case is commonly used to
design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple cur-
rent ratings are often based on only 2000 hours lifetime.
This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
the size or height requirements of the design. An additional
0.1μF to 1μF ceramic capacitor is also recommended on
VIN for high frequency decoupling, when not using an all
ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required ESR to
minimize voltage ripple and load step transients. Typically,
once the ESR requirement is satisfied, the capacitance
is adequate for filtering. The output ripple (
ΔVOUT) is
determined by:
ΔVOUT ≈ΔIL ESR+
1
8fO COUT
⎝⎜
⎠⎟
where fO = operating frequency, COUT = output capacitance
and
ΔIL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since
ΔIL increases
with input voltage. With
ΔIL = 0.3 • ILIM the output ripple
will be less than 100mV at maximum VIN and fO = 2.25MHz
with:
ESRCOUT < 150mΩ
Once the ESR requirements for COUT have been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement, except for an all ceramic solution.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the capacitance, ESR or
RMS current handling requirement of the application.
Aluminum electrolytic, special polymer, ceramic and dry
tantulum capacitors are all available in surface mount
packages. The OS-CON semiconductor dielectric capacitor
available from Sanyo has the lowest ESR (size) product
of any aluminum electrolytic at a somewhat higher price.
Special polymer capacitors, such as Sanyo POSCAP, of-
fer very low ESR, but have a lower capacitance density
than other types. Tantalum capacitors have the highest
capacitance density. However, they also have a larger
ESR and it is critical that they are surge tested for use
in switching power supplies. An excellent choice is the


Similar Part No. - LTC3548AIDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548AIDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com