Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577-4 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3577-4
Description  Highly Integrated Portable Product PMIC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577-4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3577-4 Datasheet HTML 4Page - Linear Technology LTC3577-4 Datasheet HTML 5Page - Linear Technology LTC3577-4 Datasheet HTML 6Page - Linear Technology LTC3577-4 Datasheet HTML 7Page - Linear Technology LTC3577-4 Datasheet HTML 8Page - Linear Technology LTC3577-4 Datasheet HTML 9Page - Linear Technology LTC3577-4 Datasheet HTML 10Page - Linear Technology LTC3577-4 Datasheet HTML 11Page - Linear Technology LTC3577-4 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC3577-3/LTC3577-4
8
357734fa
ELECTRICAL CHARACTERISTICS LDO Regulators. The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VINLDO1 = VINLDO2 = VOUT = 3.8V, LDO1 and LDO2 enabled
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulator 1 (LDO1-Always On)
VINLDO1
Input Voltage Range
VINLDO1 ≤ VOUT + 0.3V
l
1.65
5.5
V
VOUT_UVLO
VOUT Falling
VOUT Rising
LDO1 is Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
VLDO1_FB
LDO1_FB Regulated Feedback Voltage
ILDO1 = 1mA
l
0.78
0.8
0.82
V
LDO1_FB Line Regulation (Note 11)
ILDO1 = 1mA, VIN = 1.65V to 5.5V
0.4
mV/V
LDO1_FB Load Regulation (Note 11)
ILDO1 = 1mA to 150mA
5
μV/mA
ILDO1_OC
Available Output Current
l
150
mA
ILDO1_SC
Short-Circuit Output Current
270
mA
VDROP1
Dropout Voltage (Note 12)
ILDO1 = 150mA, VINLDO1 = 3.6V
ILDO1 = 150mA, VINLDO1 = 2.5V
ILDO1 = 75mA, VINLDO1 = 1.8V
160
200
170
260
320
280
mV
mV
mV
RLDO1_PD
Output Pull-Down Resistance in Shutdown
LDO1 Disabled
10
ILDO_FB1
LDO_FB1 Input Current
–50
50
nA
LDO Regulator 2 (LDO2-Pushbutton Enabled, First in Sequence)
VINLDO2
Input Voltage Range
VINLDO2 ≤ VOUT + 0.3V
l
1.65
5.5
V
VOUT_UVLO
VOUT Falling
VOUT Rising
LDO2 is Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
VLDO2_FB
LDO2_FB Regulated Output Voltage
ILDO2 = 1mA
l
0.78
0.8
0.82
V
LDO2_FB Line Regulation (Note 11)
ILDO2 = 1mA, VIN = 1.65V to 5.5V
0.4
mV/V
LDO2_FB Load Regulation (Note 11)
ILDO2 = 1mA to 150mA
5
μV/mA
ILDO2_OC
Available Output Current
l
150
mA
ILDO2_SC
Short-Circuit Output Current
270
mA
VDROP2
Dropout Voltage (Note 12)
ILDO2 = 150mA, VINLDO2 = 3.6V
ILDO2 = 150mA, VINLDO2 = 2.5V
ILDO1 = 75mA, VINLDO1 = 1.8V
160
200
170
260
320
280
mV
mV
mV
RLDO2_PD
Output Pull-Down Resistance in Shutdown
LDO2 Disabled
14
ILDO_FB2
LDO_FB2 Input Current
–50
50
nA


Similar Part No. - LTC3577-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-4 LINER-LTC3577-4 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3577-4 LINER-LTC3577-4 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
More results

Similar Description - LTC3577-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com