Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBIS4-6600 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # IBIS4-6600
Description  6.6 MP CMOS Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button IBIS4-6600_09 Datasheet HTML 2Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 3Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 4Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 5Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 6Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 7Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 8Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 9Page - Cypress Semiconductor IBIS4-6600_09 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
IBIS4-6600 CYII4SM6600AB
Document Number: 001-02366 Rev. *E
Page 6 of 35
Sensor Architecture and Operation
Floor Plan
Figure 4. Floor Plan
Figure 4 shows the architecture of the designed image sensor. It
consists of the pixel array, shift registers for the readout in x and
y direction, parallel analog output amplifiers, and column
amplifiers that correct for the fixed pattern noise caused by
threshold voltage nonuniformities. Reading out the pixel array
starts by applying a y clock pulse to select a new row, followed
by a calibration sequence to calibrate the column amplifiers (row
blanking time). Depending on external bias resistors and timing,
typically this sequence takes about seven seconds every line
(baseline). This sequence is necessary to remove the Fixed
Pattern Noise of the pixel and of the column amplifiers
themselves (by a Double Sampling technique). Pixels can also
be read out in a nondestructive manner.
Two DACs are added to make the offset level of the pixel values
adjustable and equal for the two output buses. A third DAC is
used to connect the buses to a stable voltage during the row
blanking period, or reset the buses continuously in case of a
nondestructive readout.
Two 10-bit ADCs running at 20 Msamples/s convert the analog
pixel values. The digital outputs are multiplexed to one digital
10-bit output at 40 Msamples/s. Note that these blocks are
electrically completely isolated from the sensor part, except for
the multiplexer, for which the settings are uploaded through the
shared address and data bus.
The x and y shift registers have a programmable starting point.
The possibilities of the starting point are limited because of
limitations imposed by subsampling requirements. The start
address is uploaded through the serial to parallel interface.
Most of the signals for the image core shown in Figure 4 are
generated on-chip by the sequencer. This sequencer also allows
running the sensor in basic modes, not fully autonomous.
analog output
(2)
DAC in
IMAG E C OR E
SENS OR
SP I
pixel array
2210 x 3002
(excl. dark +
dummy pixels )
addres s able x-s hift regis ter + s ub-s ampling
column amplifiers
clk_x
sync_x
P ixel (0,0)
DAC
Dig. logic
Dig. logic
addres s &
data bus
[+] Feedback


Similar Part No. - IBIS4-6600_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-6600-C-1 CYPRESS-IBIS4-6600-C-1 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
IBIS4-6600-C-2 CYPRESS-IBIS4-6600-C-2 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
IBIS4-6600-M-1 CYPRESS-IBIS4-6600-M-1 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
IBIS4-6600-M-2 CYPRESS-IBIS4-6600-M-2 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
More results

Similar Description - IBIS4-6600_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com