Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577EUFF-3PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3577EUFF-3PBF
Description  Highly Integrated Portable Product PMIC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577EUFF-3PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3577EUFF-3PBF Datasheet HTML 5Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 6Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 7Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 8Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 9Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 10Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 11Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 12Page - Linear Technology LTC3577EUFF-3PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LTC3577-3/LTC3577-4
9
357734fa
ELECTRICAL CHARACTERISTICS Pushbutton Controller. The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VOUT = 3.8V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pushbutton Pin (ON)
VOUT
Pushbutton Operating Supply Range
(Note 9)
l
2.7
5.5
V
VOUT UVLO
VOUT Falling
VOUT Rising
Pushbutton is Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
VON_TH
ON Threshold Rising
ON Threshold Falling
0.4
0.8
0.7
1.2
V
V
ION
ON Input Current
VON = VOUT
VON = 0V
–1
–4
–9
1
–14
μA
μA
Power-On Input Pin (PWR_ON)
VPWR_ON
PWR_ON Threshold Rising
PWR_ON Threshold Falling
0.4
0.8
0.7
1.2
V
V
IPWR_ON
PWR_ON Input Current
VPWR_ON = 3V
–1
1
μA
Status Output Pins (PBSTAT, EXTPWR, PGOOD)
IPBSTAT
PBSTAT Output High Leakage Current
VPBSTAT = 3V
–1
1
μA
VPBSTAT
PBSTAT Output Low Voltage
IPBSTAT = 3mA
0.1
0.4
V
IEXTPWR
EXTPWR Pin Input Current
VEXTPWR = 3V
0
1
μA
VEXTPWR
EXTPWR Pin Output Low Voltage
IEXTPWR = 2mA
0.15
0.4
V
IPGOOD
PGOOD Output High Leakage Current
VPGOOD = 3V
–1
1
μA
VPGOOD
PGOOD Output Low Voltage
IPGOOD = 3mA
0.1
0.4
V
VTHPGOOD
PGOOD Threshold Voltage
(Note 13)
–8
%
Pushbutton Timing Parameters
tON_PBSTAT1
ON Low Time to PBSTAT Low
50
ms
tON_PBSTAT2
ON High to PBSTAT High
PBSTAT Low > tPBSTAT_PW
900
μs
tPBSTAT_PW
PBSTAT Minimum Pulse Width
40
50
ms
tON_PUP
ON Low Time for Power Up
50
ms
tON_RST
ON Low to PGOOD Reset Low
12
14
16.5
Seconds
tON_RST_PW
PGOOD Reset Low Pulse Width
1.8
ms
tPUP_PDN
Minimum Time from Power Up to Down
1
Seconds
tPDN_PUP
Minimum Time from Power Down to Up
1
Seconds
tPWR_ONH
PWR_ON High to Power Up
50
ms
tPWR_ONL
PWR_ON Low to Power Down
50
ms
tPWR_ONBK1
PWR_ON Power-Up Blanking
PWR_ON Low Recognized from Power Up
1
Seconds
tPWR_ONBK2
PWR_ON Power-Down Blanking
PWR_ON High Recognized from Power Down
1
Seconds
tPGOODH
From Regulation to PGOOD High
Buck1, 2 and LDO1 Within PGOOD Threshold
230
ms
tPGOODL
Bucks Disabled to PGOOD Low
Bucks Disabled
44
μs
tLDO2_BK1
LDO2 Enable to Buck Enable
12.5
14.5
17.5
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3577-3/LTC3577-4 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: This IC includes over temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when over temperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: VCC is the greater of VBUS, VOUT or BAT.


Similar Part No. - LTC3577EUFF-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577EUFF-1PBF LINER-LTC3577EUFF-1PBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577EUFF-1TRPBF LINER-LTC3577EUFF-1TRPBF Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
More results

Similar Description - LTC3577EUFF-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com