Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NL-70SNI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62256NL-70SNI
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NL-70SNI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62256NL-70SNI Datasheet HTML 1Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 2Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 3Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 4Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 5Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 6Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 7Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 8Page - Cypress Semiconductor CY62256NL-70SNI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY62256N
256K (32K x 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06511 Rev. *B
Revised June 03, 2009
Features
Temperature Ranges
Commercial: 0°C to 70°C
Industrial: –40°C to 85°C
Automotive-A: –40°C to 85°C
Automotive-E: –40°C to 125°C
High Speed: 55 ns
Voltage Range: 4.5V to 5.5V Operation
Low Active Power
275 mW (max)
Low Standby Power (LL version)
82.5 μW (max)
Easy Memory Expansion with CE and OE Features
TTL-Compatible Inputs and Outputs
Automatic Power Down when Deselected
CMOS for Optimum Speed and Power
Available in Pb-free and Non Pb-free 28-Pin (600-mil) PDIP,
28-Pin (300-mil) Narrow SOIC, 28-Pin TSOP-I, and 28-Pin
Reverse TSOP-I Packages
Functional Description
The CY62256N[1] is a high performance CMOS static RAM
organized as 32K words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE) and active LOW
output enable (OE) and tristate drivers. This device has an
automatic power down feature, reducing the power consumption
by 99.9 percent when deselected.
An active LOW write enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location addressed
by the address present on the address pins (A0 through A14).
Reading the device is accomplished by selecting the device and
enabling the outputs, CE and OE active LOW, while WE remains
inactive or HIGH. Under these conditions, the contents of the
location addressed by the information on address pins are
present on the eight data input/output pins.
The input/output pins remain in a high impedance state unless
the chip is selected, outputs are enabled, and write enable (WE)
is HIGH.
Note
1. For best practice recommendations, do refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com
A9
A8
A7
A6
A5
A4
A3
A2
COLUMN
DECODER
INPUTBUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A10
Logic Block Diagram
[+] Feedback


Similar Part No. - CY62256NL-70SNI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NL-70SNI CYPRESS-CY62256NL-70SNI Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256NL-70SNI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com