Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2266IUJ-14 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2266IUJ-14
Description  14-Bit, 125Msps/105Msps/80Msps Low Power Dual ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2266IUJ-14 Datasheet(HTML) 3 Page - Linear Technology

  LTC2266IUJ-14 Datasheet HTML 1Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 2Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 3Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 4Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 5Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 6Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 7Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 8Page - Linear Technology LTC2266IUJ-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2268-14/
LTC2267-14/LTC2266-14
3
22687614p
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
LTC2268-14
LTC2267-14
LTC2266-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
(No Missing Codes)
l
14
14
14
Bits
Integral Linearity Error
Differential Analog Input
(Note 6)
l –3.75
±1
3.75
–3.75
±1
3.75
–3.5
±1
3.5
LSB
Differential Linearity Error
Differential Analog Input
l –0.9
±0.3
0.9
–0.9
±0.3
0.9
–0.9
±0.3
0.9
LSB
Offset Error
(Note 7)
l
–15
±2
15
–15
±2
15
–15
±215
mV
Gain Error
Internal Reference
External Reference
l –1.5
±1.5
±0.4
1.5
–1.5
±1.5
±0.4
1.5
–1.5
±1.5
±0.4
1.5
%FS
%FS
Offset Drift
±20
±20
±20
μV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±10
±30
±10
±30
±10
ppm/°C
ppm/°C
Gain Matching
External Reference
±0.3
±0.3
±0.3
%FS
Offset Matching
±2
±2
±2mV
Transition Noise
External Reference
1.2
1.2
1.2
LSBRMS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1 to 2
VP–P
VIN(CM)
Analog Input Common Mode (AIN+ – AIN–)/2
Differential Analog Input (Note 8)
l VCM – 100mV
VCM
VCM +100mV
V
VSENSE
External Voltage Reference Applied to SENSE
External Reference Mode
l
0.625
1.25
1.3
V
IINCM
Analog Input Common Mode Current
Per Pin, 125Msps
Per Pin, 105Msps
Per Pin, 80Msps
l
155
130
100
μA
μA
μA
IIN1
Analog Input Leakage Current (No Encode)
0 < AIN+, AIN– < VDD
l
–1
1
μA
IIN2
PAR/SER Input Leakage Current
0 < PAR/SER < VDD
l
–3
3
μA
IIN3
SENSE Input Leakage Current
0.625 < SENSE < 1.3V
l
–6
6
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
0.15
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
BW-3B
Full Power Bandwidth
Figure 6 Test Circuit
800
MHz
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)


Similar Part No. - LTC2266IUJ-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2266IUJ-12PBF LINER-LTC2266IUJ-12PBF Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266IUJ-12TRPBF LINER-LTC2266IUJ-12TRPBF Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
More results

Similar Description - LTC2266IUJ-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267-14 LINER-LTC2267-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-14 LINER-LTC2145-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-14 LINER-LTC2143-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-14 LINER-LTC2144-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-14 LINER-LTC2266-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2175-14 LINER-LTC2175-14 Datasheet
578Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
LTM9010-14 LINER-LTM9010-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9011-14 LINER-LTM9011-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2173-14 LINER-LTC2173-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com