Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28503 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28503
Description  BiCMOS PFC/PWM Combination Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28503 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28503 Datasheet HTML 1Page - Texas Instruments UCC28503 Datasheet HTML 2Page - Texas Instruments UCC28503 Datasheet HTML 3Page - Texas Instruments UCC28503 Datasheet HTML 4Page - Texas Instruments UCC28503 Datasheet HTML 5Page - Texas Instruments UCC28503 Datasheet HTML 6Page - Texas Instruments UCC28503 Datasheet HTML 7Page - Texas Instruments UCC28503 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UCC18500/1/2/3
UCC28500/1/2/3
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, these specifications hold for TA=0°C to 70°C for the
UCC3850X, –40°C to +85°C for the UCC2850X, and –55°C to +125°C for the UCC1850X, TA =TJ. VCC = 12V, RT = 22k, CT =
330pF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Peak Current Limit Section
PKLMT Reference Voltage
–15
0
15
mV
PKLMT Propogation Delay
300
ns
Multiplier Section
High Line, Low Power
IAC = 500 A, VFF = 4.7V, VAOUT = 1.25V
–6
A
High Line, High Power
IAC = 500 A, VFF = 4.7V, VAOUT = 5V
–90
A
Low Line, Low Power
IAC = 150 A, VFF = 1.4V, VAOUT = 1.25V
–19
A
Low Line, High Power
IAC = 150 A, VFF = 1.4V, VAOUT = 5V
–300
A
IAC Limited
IAC = 150 A, VFF = 1.3V, VAOUT = 5V
–300
A
Gain Constant (K)
IAC = 300 A, VFF = 2.8V, VAOUT = 2.5V
1
1/V
Zero Current
IAC = 150 A, VFF = 1.4V, VAOUT = 0.25V
0
–2
A
IAC = 500 A, VFF = 4.7V, VAOUT = 0.25V
0
–2
A
IAC = 500 A, VFF = 4.7V, VAOUT = 0.5V
–3
µA
Power Limit
IAC = 150 A, VFF = 1.4V, VAOUT = 5V
–420
W
Zero Power Section
Zero Power Comparator Threshold
Measured on VAOUT
0.10
0.25
0.40
V
PFC Gate Driver Section
GT1 Pull Up Resistance
IOUT = –100mA
7
GT1 Pull Down Resistance
IOUT = 100mA
3
GT1 Output Rise Time
CLOAD = 1nF, RLOAD = 10
25
ns
GT1 Output Fall Time
CLOAD = 1nF, RLOAD = 10
10
ns
Maximum Duty Cycle
94
%
Second Stage UVLO (UVLO2)
PWM Turn-on Reference (UCCX8500/501)
6.30
6.75
7.30
V
Hysteresis (UCCX8500/501)
1.2
V
PWM Turn-on Reference (UCCX8502/503)
6.30
6.75
7.30
V
Hysteresis (UCCX8502/503)
3V
Second Stage Soft Start Section
SS2 Charge Current
–7.5
–10
–12.5
µA
VERR
IVERR = 2mA, UVLO = Low
300
mV
SS2 Discharge Current
ENA = High, UVLO = Low, SS2 = 2.5V
3
10
mA
Second Stage Duty Cycle Clamp Section
Maximum Duty Cycle
44
50
%
Second Stage Pulse by Pulse Current Sense Section
Current Sense Comparator Threshold
VERR = 2.5V, Measured on ISENSE2
.95
1.05
1.15
V
Second Stage Over Current Limit Section
Peak Current Comparator Threshold
1.15
1.30
1.45
V
Input Bias Current
50
nA
Second Stage Gate Driver Section
GT2 Pull Up Resistance
IOUT = –200mA
7
GT2 Pull Down Resistance
IOUT = 100mA
3
GT2 Output Rise Time
CLOAD = 1nF, RLOAD = 10
25
ns
GT2 Output Fall Time
CLOAD = 1nF, RLOAD = 10
25
ns
Note 1: Guaranteed by design, not 100% tested in production.


Similar Part No. - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28503 TI-UCC28503 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503 TI1-UCC28503 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DW TI-UCC28503DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DW TI1-UCC28503DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DWG4 TI1-UCC28503DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com