Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28503 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28503
Description  BiCMOS PFC/PWM Combination Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28503 Datasheet(HTML) 6 Page - Texas Instruments

  UCC28503 Datasheet HTML 1Page - Texas Instruments UCC28503 Datasheet HTML 2Page - Texas Instruments UCC28503 Datasheet HTML 3Page - Texas Instruments UCC28503 Datasheet HTML 4Page - Texas Instruments UCC28503 Datasheet HTML 5Page - Texas Instruments UCC28503 Datasheet HTML 6Page - Texas Instruments UCC28503 Datasheet HTML 7Page - Texas Instruments UCC28503 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UCC18500/1/2/3
UCC28500/1/2/3
UCC38500/1/2/3
The UCC38500 is designed to incorporate all the control
functions required for a power factor correction circuit
and a second stage dc-dc converter. The PFC function
is implemented as a full feature, average current mode
controller Integrated Circuit for excellent performance. In
addition, the input voltage feedforward function is imple-
mented in a simplified manner. Current from IAC is mir-
rored over to the VFF pin. By simply adding a resistor
and capacitor (to attenuate 120Hz ripple) a voltage is de-
veloped which is proportional to line voltage. This elimi-
nates several components normally connected to the
line.
The UCC38500 uses leading edge modulation for the
PFC stage and trailing edge modulation for the dc-dc
stage. This reduces ripple current in the output capacitor
by reducing the overlap in conduction time of the PFC
and dc-dc switches. In addition to the reduced ripple cur-
rent, noise immunity is improved through the current er-
ror amplifier implementation.
The UCC38500 is optimized to control a boost PFC
stage operating in continuous conduction mode, followed
by a dc-dc converter (typically a forward topology). It is
usual that the dc-dc converter is transformer isolated and
therefore its error amplifier will be located on the second-
ary side. The UCC38500 is configured without an inter-
nal error amplifier. The externally generated error signal
is fed into the VERR pin.
The UCC38500 can be configured for voltage mode or
current mode control of the second stage. The applica-
tion figure shows a typical current mode configuration.
For voltage mode control the ramp generated by CT is
simply fed into the ISENSE2 pin.
One of the main system challenges in designing systems
with a PFC front end is coordinating the turn-on and
turn-off on the dc-dc converter. If the dc-dc converter is
allowed to turn on before the boost converter is opera-
tional, it must operate at a much-reduced voltage and
therefore can represent a large current draw to the boost
converter. This start-up sequencing is handled internally
by the UCC38500. The UCC38500 monitors the output
voltage of the PFC converter and holds the dc-dc con-
verter off until the output is within 10% of its regulation
point. Once the trip point is reached the dc-dc section
goes through a soft start sequence for a controlled, low
stress start-up.
Similarly if the output voltage drops too
low (2 voltage options are available) the dc-dc converter
shuts down thereby preventing overstress of the con-
verter.
Design details of the PFC section can be found in several
references shown below.
• UCC3817 data sheet
• High Power Factor Preregulator for Off-Line Power
Supplies, SEM-800
• Optimizing the Design of a High Power Factor
Switching Regulator, SEM-800
A design example fora2switch forward converter can be
found in:
• 250W Off-Line Forward Converter Design Review,
SEM-500
APPLICATION INFORMATION
R
VFF
IAC
VFF
MAX
MAX
=
••
2
2
09
.
VSENSE: (voltage amplifier inverting input) This is nor-
mally connected to a compensation network and to the
boost converter output through a divider network.
VREF: (voltage reference output) VREF is the output of
an accurate 7.5V voltage reference. This output is capa-
ble of delivering 10mA to peripheral circuitry and is inter-
nally short circuit current limited. VREF is disabled and
will remain at 0V when VCC is below the UVLO thresh-
old. Bypass VREF to GND with a 0.1
µF or larger ceramic
capacitor for best stability.
PIN DESCRIPTIONS


Similar Part No. - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28503 TI-UCC28503 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503 TI1-UCC28503 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DW TI-UCC28503DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DW TI1-UCC28503DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DWG4 TI1-UCC28503DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com