Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C88-NF25 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # STK11C88-NF25
Description  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-NF25 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK11C88-NF25 Datasheet HTML 7Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 8Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 9Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 10Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 11Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 12Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 13Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 14Page - Cypress Semiconductor STK11C88-NF25 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 11 of 15
Software Controlled STORE/RECALL Cycle
The software controlled STORE/RECALL cycle follows. [11, 12]
Parameter
Alt
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
tRC
tAVAV
STORE/RECALL Initiation Cycle Time
25
45
ns
tSA
[11]
tAVEL
Address Setup Time
0
0
ns
tCW
[11]
tELEH
Clock Pulse Width
20
30
ns
tHACE
[11]
tELAX
Address Hold Time
20
20
ns
tRECALL
[11]
RECALL Duration
20
20
μs
Switching Waveforms
Figure 10. CE Controlled Software STORE/RECALL Cycle [12]
tRC
tRC
tSA
tSCE
tHACE
tSTORE / tRECALL
DATA VALID
DATA VALID
6
#
S
S
E
R
D
D
A
1
#
S
S
E
R
D
D
A
HIGH IMPEDANCE
ADDRESS
CE
OE
DQ (DATA)
Notes
11. The software sequence is clocked on the falling edge of CE without involving OE (double clocking abort the sequence).
12. The six consecutive addresses must be read in the order listed in the Mode Selection table. WE must be HIGH during all six consecutive cycles.
[+] Feedback


Similar Part No. - STK11C88-NF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88-NF25 SIMTEK-STK11C88-NF25 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25 SIMTEK-STK11C88-NF25 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25I SIMTEK-STK11C88-NF25I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25I SIMTEK-STK11C88-NF25I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-NF25ITR SIMTEK-STK11C88-NF25ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C88-NF25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com