Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-5C35M Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STK12C68-5C35M
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-5C35M Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STK12C68-5C35M Datasheet HTML 2Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 3Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 4Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 5Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 6Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 7Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 8Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 9Page - Cypress Semiconductor STK12C68-5C35M Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STK12C68-5 (SMD5962-94599)
Document Number: 001-51026 Rev. **
Page 6 of 18
Best Practices
nvSRAM products have been used effectively for over 15
years. While ease-of-use is one of the product’s main system
values, experience gained working with hundreds of applica-
tions has resulted in the following suggestions as best
practices:
The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites sometimes reprograms these values. Final NV patterns
are typically repeating patterns of AA, 55, 00, FF, A5, or 5A.
The end product’s firmware must not assume that an NV
array is in a set programmed state. Routines that check
memory content values to determine first time system config-
uration, cold or warm boot status, and so on must always
program a unique NV pattern (for example, complex 4-byte
pattern of 46 E6 49 53 hex or more random bytes) as part of
the final system manufacturing test to ensure these system
routines work consistently.
Power up boot firmware routines must rewrite the nvSRAM
into the desired state. While the nvSRAM is shipped in a
preset state, best practice is to again rewrite the nvSRAM
into the desired state as a safeguard against events that
might flip the bit inadvertently (program bugs, incoming
inspection routines, and so on).
The Vcap value specified in this data sheet includes a
minimum and a maximum value size. The best practice is to
meet this requirement and not exceed the maximum Vcap
value because the higher inrush currents may reduce the
reliability of the internal pass transistor. Customers who want
to use a larger Vcap value to make sure there is extra store
charge must discuss their Vcap size selection with Cypress.
Table 1. Hardware Mode Selection
CE
WE
HSB
A12–A0
Mode
IO
Power
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active[3]
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile STORE
Output High Z
ICC2
[1]
L
H
H
0x0000
0x1555
0x0AAA
0x1FFF
0x10F0
0x0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2
[2, 3]
L
H
H
0x0000
0x1555
0x0AAA
0x1FFF
0x10F0
0x0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[2, 3]
Notes
1. HSB STORE operation occurs only if an SRAM Write is done since the last nonvolatile cycle. After the STORE (If any) completes, the part goes into standby
mode, inhibiting all operations until HSB rises.
2. The six consecutive addresses must be in the order listed. WE must be high during all six consecutive CE controlled cycles to enable a nonvolatile cycle.
3. IO state assumes OE < VIL. Activation of nonvolatile cycles does not depend on state of OE.
[+] Feedback


Similar Part No. - STK12C68-5C35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-5C35M ETC-STK12C68-5C35M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK12C68-5C35M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com