Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-5K35M Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # STK12C68-5K35M
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-5K35M Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button STK12C68-5K35M Datasheet HTML 10Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 11Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 12Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 13Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 14Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 15Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 16Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 17Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 18Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
STK12C68-5 (SMD5962-94599)
Document Number: 001-51026 Rev. **
Page 14 of 18
Speed:
35 - 35 ns
55 - 55 ns
Package:
C = Ceramic 28-pin 300 mil DIP (gold lead finish)
Part Numbering Nomenclature
STK12C68 - 5 C 35 M
Temperature Range:
M - Military (-55 to 125°C)
K
L = Ceramic 28-pin LLC
= Ceramic 28-pin 300 mil DIP (Solder dip finish)
Retention / Endurance
5 = Military (10 years or 105 cycles)
Case Outline
X = Ceramic 28-pin 300 mil DIP
Y = Ceramic 28-pin LLC
Device Class Indicator - Class M
SMD5962 - 94599 01 MX X
Lead Finish
A = Solder DIP lead finish
Device Type:
01 = 55 ns
03 = 35 ns
C = Gold lead DIP finish
X = Lead finish “A” or “C” is acceptable
[+] Feedback


Similar Part No. - STK12C68-5K35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-5K35M ETC-STK12C68-5K35M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK12C68-5K35M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com