Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-5K35M Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STK12C68-5K35M
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-5K35M Datasheet(HTML) 2 Page - Cypress Semiconductor

  STK12C68-5K35M Datasheet HTML 1Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 2Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 3Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 4Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 5Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 6Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 7Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 8Page - Cypress Semiconductor STK12C68-5K35M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
STK12C68-5 (SMD5962-94599)
Document Number: 001-51026 Rev. **
Page 2 of 18
Pinouts
Pin Definitions
Pin Name
Alt
IO Type
Description
A0–A12
Input
Address Inputs. Used to select one of the 8,192 bytes of the nvSRAM.
DQ0-DQ7
Input or Output Bidirectional Data IO Lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the IO
pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the
chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during
read cycles. Deasserting OE HIGH causes the IO pins to tri-state.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply Power Supply Inputs to the Device.
HSB
Input or Output Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in
progress. When pulled low external to the chip, it initiates a nonvolatile STORE operation. A
weak internal pull up resistor keeps this pin high if not connected (connection optional).
VCAP
Power Supply AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from SRAM
to nonvolatile elements.
Figure 1. Pin Diagram - 28-Pin DIP
Figure 2. Pin Diagram - 28-Pin LLC
[+] Feedback


Similar Part No. - STK12C68-5K35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-5K35M ETC-STK12C68-5K35M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK12C68-5K35M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com