Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-L35 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STK11C68-L35
Description  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-L35 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK11C68-L35 Datasheet HTML 5Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 6Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 7Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 8Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 9Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 10Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 11Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 12Page - Cypress Semiconductor STK11C68-L35 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 9 of 16
AutoStore INHIBIT or Power Up RECALL
Parameter
Alt
Description
STK11C68
Unit
Min
Max
tHRECALL
[9]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
VRESET
Low Voltage Reset Level
3.6
V
Switching Waveform
Figure 9. AutoStore INHIBIT/Power Up RECALL
VCC
VSWITCH
VRESET
POWER-UP RECALL
DQ (DATA OUT)
STORE INHIBIT
5V
tHRECALL
POWER-UP
RECALL
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
Note
9. tHRECALL starts from the time VCC rises above VSWITCH.
[+] Feedback


Similar Part No. - STK11C68-L35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C68-L SIMTEK-STK11C68-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
STK11C68-LF25 SIMTEK-STK11C68-LF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-LF25I SIMTEK-STK11C68-LF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-LF25ITR SIMTEK-STK11C68-LF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-LF25TR SIMTEK-STK11C68-LF25TR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C68-L35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com