Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK12C68-5K55M Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STK12C68-5K55M
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-5K55M Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK12C68-5K55M Datasheet HTML 5Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 6Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 7Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 8Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 9Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 10Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 11Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 12Page - Cypress Semiconductor STK12C68-5K55M Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STK12C68-5 (SMD5962-94599)
Document Number: 001-51026 Rev. **
Page 9 of 18
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
35 ns
55 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
35
55
ns
tRC
[7]
tAVAV, tELEH
Read Cycle Time
35
55
ns
tAA
[8]
tAVQV
Address Access Time
35
55
ns
tDOE
tGLQV
Output Enable to Data Valid
15
35
ns
tOHA
[8]
tAXQX
Output Hold After Address Change
5
5
ns
tLZCE
[9]
tELQX
Chip Enable to Output Active
5
5
ns
tHZCE
[9]
tEHQZ
Chip Disable to Output Inactive
10
12
ns
tLZOE
[9]
tGLQX
Output Enable to Output Active
0
0
ns
tHZOE
[9]
tGHQZ
Output Disable to Output Inactive
10
12
ns
tPU
[6]
tELICCH
Chip Enable to Power Active
0
0
ns
tPD
[6]
tEHICCL
Chip Disable to Power Standby
35
55
ns
Switching Waveforms
Figure 8. SRAM Read Cycle 1: Address Controlled [7, 8]
Figure 9. SRAM Read Cycle 2: CE and OE Controlled [7]
Notes
7. WE and HSB must be High during SRAM Read cycles.
8. Device is continuously selected with CE and OE both Low.
9. Measured ±200 mV from steady state output voltage.
[+] Feedback


Similar Part No. - STK12C68-5K55M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-5K55M ETC-STK12C68-5K55M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-5K55M ETC-STK12C68-5K55M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Similar Description - STK12C68-5K55M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com